Electronic Components Datasheet Search
Selected language     English  â–Ľ


LYCKBP-JYKX-46-1 Datasheet(PDF) 1 Page - OSRAM GmbH

Part No. LYCKBP-JYKX-46-1
Description  Signal and Symbol Luminary
Download  21 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  OSRAM [OSRAM GmbH]
Homepage  http://www.osram.com
Logo 

 
 1 page
background image
2015-11-09
1
2015-11-09
OSLON Signal
Datasheet
Version 1.2
LY CKBP
OSLON Signal 120
OSLON Signal 120
Features:
Besondere Merkmale:
•
Package: SMD ceramic package with silicone
resin with lens
•
Gehäusetyp: SMD Keramik Gehäuse mit
Silikonverguss und Linse
•
Technology: InGaAlP Thinfilm
•
Technologie: InGaAlP Thinfilm
•
Viewing angle at 50 % I
V: 125°
•
Abstrahlwinkel bei 50 % I
V: 125°
•
Color: yellow (590 nm)
•
Farbe: gelb (590 nm)
•
ESD - withstand voltage: 8 kV acc. to
ANSI/ESDA/JEDEC JS-001 (HBM, Class 3B)
•
ESD - Festigkeit: 8 kV nach ANSI/ESDA/JEDEC
JS-001 (HBM, Klasse 3B)
•
Corrosion Robustness: Improved corrosion
robustness
•
Korrosionsstabilität: Verbesserte
Korrosionsstabilität
Applications
Anwendungen
•
Signaling
•
Signalanlagen
•
Signal and Symbol Luminary
•
Signal- und Symbolleuchten
•
Traffic lights
•
Ampelanlagen
•
Variable Message Signs (VMS)
•
Wechselanzeigen (VMS)
•
Architectural Lighting indoor
•
Architekturbeleuchtung innen




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl