Electronic Components Datasheet Search
Selected language     English  â–Œ


LYCKBP-JYKX-46-1 Datasheet(PDF) 4 Page - OSRAM GmbH

Part No. LYCKBP-JYKX-46-1
Description  Signal and Symbol Luminary
Download  21 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  OSRAM [OSRAM GmbH]
Homepage  http://www.osram.com
Logo 

 
 4 page
background image
2015-11-09
4
Version 1.2
LY CKBP
Characteristics (TS = 25 °C; IF = 350 mA)
Kennwerte
Parameter
Symbol
Values
Unit
Bezeichnung
Symbol
Werte
Einheit
Wavelength at peak emission
WellenlÀnge d. emittierten Lichtes
(typ.)
λ
peak
597
nm
Dominant Wavelength
3) page 20
DominantwellenlÀnge
3) Seite 20
(typ.)
λdom
590
nm
Spectral bandwidth at 50% Irel max
Spektrale Bandbreite b. 50% Irel max
(typ.)
∆λ
18
nm
Viewing angle at 50 % I
V
Abstrahlwinkel bei 50 % I
V
(typ.)
2ϕ
125
°
Forward voltage 4) page 20
Durchlassspannung
4) Seite 20
(min.)
(typ.)
(max.)
V
F
VF
VF
2.00
2.25
2.60
V
V
V
Real thermal resistance junction / solder point
5) page 20
Realer WÀrmewiderstand Sperrschicht / Lötpad
5) Seite 20
(typ.)
(max.)
Rth JS real
Rth JS real
9.6
10.8
K/W
K/W
"Electrical" thermal resistance junction / solder point
5) page 20
"Elektrischer" WĂ€rmewiderstand Sperrschicht /
Lötpad 5) Seite 20
(with efficiency ηe = 15 %)
(typ.)
(max.)
R
th JS el
Rth JS el
8.2
9.2
K/W
K/W
Note:
Individual forward voltage groups see next page
Anm.:
Durchlassspannungsgruppen siehe nÀchste Seite




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl