Electronic Components Datasheet Search
Selected language     English  ▼


LYCN5M-FAGB-36-3B5A Datasheet(PDF) 9 Page - OSRAM GmbH

Part No. LYCN5M-FAGB-36-3B5A
Description  Camera Flash and Video Light
Download  21 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  OSRAM [OSRAM GmbH]
Homepage  http://www.osram.com
Logo 

 9 page
background image
Version 1.2
LY CN5M
2016-06-16
9
Relative Forward Voltage 5) page 20
Relative Vorwärtsspannung 5) Seite 20
ΔVF = VF - VF(25 °C) = f(Tj); IF = 140 mA
Relative Luminous Flux 5) page 20
Relativer Lichtstrom 5) Seite 20
ΦVV(25 °C) = f(Tj); IF = 140 mA
Dominant Wavelength 5) page 20
Dominante Wellenlänge 5) Seite 20
λdom = f(Tj); IF = 140 mA




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl