Electronic Components Datasheet Search
Selected language     English  â–Ľ


LYCN5M-FAGB-36-3B5A Datasheet(PDF) 1 Page - OSRAM GmbH

Part No. LYCN5M-FAGB-36-3B5A
Description  Camera Flash and Video Light
Download  21 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  OSRAM [OSRAM GmbH]
Homepage  http://www.osram.com
Logo 

 
 1 page
background image
2016-06-16
1
2016-06-16
OSLON SX
Datasheet
Version 1.2
LY CN5M
Features:
Besondere Merkmale:
•
Package: SMD ceramic package with silicone
resin with lens
•
Gehäusetyp: SMD Keramik Gehäuse mit
Silikonverguss und Linse
•
Technology: InGaAlP Thinfilm
•
Technologie: InGaAlP Thinfilm
•
Viewing angle at 50 % IV: 60°
•
Abstrahlwinkel bei 50 % IV: 60°
•
Color: yellow (590 nm)
•
Farbe: gelb (590 nm)
•
Optical efficiency (typ.): 44 lm/W (yellow)
•
Optischer Wirkungsgrad (typ.): 44 lm/W (gelb)
•
Corrosion Robustness: Improved corrosion
robustness
•
Korrosionsstabilität: Verbesserte
Korrosionsstabilität
•
Qualifications: The product qualification test plan
is based on the guidelines of AEC-Q101-REV-C,
Stress Test Qualification for Automotive Grade
Discrete Semiconductors.
•
Qualifikationen: Die Produktqualifikation wurde
entsprechend der Richtlinie AEC-Q101-REV-C,
„Stress Test Qualification for Automotive Grade
Discrete Semiconductors“, getestet.
Applications
Anwendungen
•
LCD Backlighting
•
LCD Beleuchtung
•
Camera Flash and Video Light
•
Blitzlicht fĂĽr Kameras/ Videoleuchte
•
Backlighting
•
Hinterleuchtung
•
Reading Lamps
•
Leselampen
•
Decorative Lighting
•
Dekorative Beleuchtung
•
Exterior Automotive Lighting
•
Automobilbeleuchtung auĂźen
•
Automotive Interior Lighting
•
Automobilbeleuchtung innen
•
Signal and Symbol Luminary
•
Signal- und Symbolleuchten
•
Dashboard Backlighting
•
Instrumentenbeleuchtung




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl