Electronic Components Datasheet Search
Selected language     English  ▼


LYG5AP-CXDX-36-1 Datasheet(PDF) 7 Page - OSRAM GmbH

Part No. LYG5AP-CXDX-36-1
Description  clear silicone lens
Download  21 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  OSRAM [OSRAM GmbH]
Homepage  http://www.osram.com
Logo 

 7 page
background image
LY G5AP
2011-05-04
7
Relative Spectral Emission - V(
λ) = Standard eye response curve 2) page 20 , 1) page 20
Relative spektrale Emission - V(
λ) = spektrale Augenempfindlichkeit 2) Seite 20 , 1) Seite 20
I
rel = f (λ); TS = 25 °C; IF = 100 mA
Radiation Characteristics 2) page 20
Abstrahlcharakteristik 2) Seite 20
I
rel = f (ϕ); TS = 25 °C
400
450
500
550
600
650
700
λ[nm]
0,0
0,1
0,2
0,3
0,4
0,5
0,6
0,7
0,8
0,9
1,0
Φrel
: Vλ
OHL03691
20˚
40˚
60˚
80˚
100˚
120˚
0.4
0.6
0.8
1.0
100˚
90˚
80˚
70˚
60˚
50˚
10˚
20˚
30˚
40˚
0
0.2
0.4
0.6
0.8
1.0
ϕ




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl