Electronic Components Datasheet Search
Selected language     English  ▼


LYG5AP-CXDX-36-1 Datasheet(PDF) 8 Page - OSRAM GmbH

Part No. LYG5AP-CXDX-36-1
Description  clear silicone lens
Download  21 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  OSRAM [OSRAM GmbH]
Homepage  http://www.osram.com
Logo 

 8 page
background image
2011-05-04
8
LY G5AP
Forward Current 2) page 20
Durchlassstrom 2) Seite 20
I
F = f (VF); TS = 25 °C
Relative Luminous Intensity 2) page 20 , 6) page 20
Relative Lichtstärke 2) Seite 20 , 6) Seite 20
I
V/IV(100 mA) = f(IF); TS = 25 °C
Relative Forward Voltage 2) page 20
Relative Vorwärtsspannung 2) Seite 20
ΔV
F = VF - VF(25°C) = f(Tj); IF = 100 mA
Relative Luminous Intensity 2) page 20
Relative Lichtstärke 2) Seite 20
I
V/IV(25)°C = f(Tj); IF = 100 mA
1,8 1,9 2,0 2,1 2,2 2,3 2,4 2,5
VF [V]
40
60
80
100
120
140
160
180
200
IF [mA]
50
100
150
200
IF [mA]
0,0
0,5
1,0
1,5
2,0
2,5
IV
IV (100mA)
-40
-0.15
˚C
T
j
OHL04418
V
F
V
Δ
-20
0
20 40 60 80
120
-0.10
-0.05
0
0.05
0.10
0.20
OHL04421
-40
˚C
j
T
-20
0
20 40 60 80
120
0
0.5
1.0
1.5
2.0
2.5
(25 ˚C)
V
I
V
I




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl