Electronic Components Datasheet Search
Selected language     English  ▼


LYG5AP-CXDX-36-1 Datasheet(PDF) 10 Page - OSRAM GmbH

Part No. LYG5AP-CXDX-36-1
Description  clear silicone lens
Download  21 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  OSRAM [OSRAM GmbH]
Homepage  http://www.osram.com
Logo 

 10 page
background image
2011-05-04
10
LY G5AP
Max. Permissible Forward Current 7) page 20
Maximal zulässiger Durchlassstrom 7) Seite 20
I
F = f (T)
Permissible Pulse Handling Capability
Zulässige Impulsbelastbarkeit I
F = f(tp)
Duty cycle D = parameter, T
S = 25 °C
Permissible Pulse Handling Capability
Zulässige Impulsbelastbarkeit I
F = f(tp)
Duty cycle D = parameter, T
S = 85 *C
0
0
˚C
T
I
F
mA
OHL03681
S
20
40
60
80
100
50
100
150
200
300
0
-5
F
I
A
tp
s
OHL03683
-4
10
-3
10
-2
10
-1
10
0
10
1
10
2
10
10
T
t
T
D =
P
P
t
I
F
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.40
0.55
D
0.05
0.1
0.5
0.2
1
0.01
0.02
0.005
=
0
-5
F
I
A
tp
s
OHL03683
-4
10
-3
10
-2
10
-1
10
0
10
1
10
2
10
10
T
t
T
D =
P
P
t
I
F
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.40
0.55
D
0.05
0.1
0.5
0.2
1
0.01
0.02
0.005
=




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl