Electronic Components Datasheet Search
Selected language     English  ▼


LYG5AP-CXDX-36-1 Datasheet(PDF) 13 Page - OSRAM GmbH

Part No. LYG5AP-CXDX-36-1
Description  clear silicone lens
Download  21 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  OSRAM [OSRAM GmbH]
Homepage  http://www.osram.com
Logo 

 13 page
background image
LY G5AP
2011-05-04
13
Reflow Soldering Profile
Reflow Lötprofil
Preconditioning: JEDEC Level 4 acc. to JEDEC S-STD-020-D
0
0
s
OHA04525
50
100
150
200
250
300
50
100
150
200
250
300
t
T
˚C
S
t
t
P
t
T
p
240 ˚C
217 ˚C
245 ˚C
25 ˚C
L
OHA04612
Profil-Charakteristik
Profile Feature
Ramp-up Rate to Preheat*)
25 ˚C
≤ T ≤ 150 ˚C
2
3
K/s
Time from T
Smin to TSmax
150 ˚C
≤ T
S ≤ 200 ˚C
t
S
t
L
t
P
T
L
T
P
100
120
60
10
20
30
80
100
217
23
245
260
36
Time
25 ˚C
≤ T ≤ T
P
Time within 5 ˚C of the specified peak
temperature T
P - 5 K
Ramp-down Rate*
T
P ≤ T ≤ 100 ˚C
All temperatures refer to the center of the package, measured on the top of the component
* slope calculation
ΔT/Δt: Δt max. 5 s; fulfillment for the whole T-range
Ramp-up Rate to Peak*)
T
Smax ≤ T ≤ TP
Liquidus Temperature
Peak Temperature
Time above Liquidus temperature
Symbol
Symbol
Einheit
Unit
Pb-Free (SnAgCu) Assembly
Minimum
Maximum
Recommendation
K/s
K/s
s
s
s
s
˚C
˚C
480




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl