Electronic Components Datasheet Search
Selected language     English  Ôľ╝


LYG5AP-CXDX-36-1 Datasheet(PDF) 15 Page - OSRAM GmbH

Part No. LYG5AP-CXDX-36-1
Description  clear silicone lens
Download  21 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  OSRAM [OSRAM GmbH]
Homepage  http://www.osram.com
Logo 

 15 page
background image
LY G5AP
2011-05-04
15
Tape and Reel
Gurtverpackung
12 mm tape with
Tape dimensions in mm (inch)
Tape dimensions in mm (inch)
Reel dimensions in mm (inch)
Reel dimensions in mm (inch)
W
P
0
P
1
P
2
D
0
E
F
12 +0.3/-0.1
4 ┬▒ 0.1
(0.157 ┬▒
0.004)
8 ┬▒ 0.1
(0.315 ┬▒
0.004)
2 ┬▒ 0.05
(0.079 ┬▒
0.002)
1.5 ┬▒ 0.1
(0.059 +
0.004)
1.75 ┬▒ 0.1
(0.069 ┬▒
0.004)
5.5 ┬▒ 0.05
(0.217 ┬▒
0.002)
A
W
N
min
W
1
W
2max
180 (7)
12 (0.472)
60 (2.362)
12.4 + 2 (0.488 +
0.079)
18.4 (0.724)
330 (13)
12 (0.472)
60 (2.362)
12.4 + 2 (0.488 +
0.079)
18.4 (0.724)
D
0
2
P
P
0
1
P
Direction of unreeling
W1
2
W
OHAY0324
Label
Gurtvorlauf:
Leader:
Trailer:
Gurtende:
Direction of unreeling
160 mm
160 mm
400 mm
400 mm




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved┬ę Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl