Electronic Components Datasheet Search
Selected language     English  ▼


LYG5AP-CXDX-36-1 Datasheet(PDF) 16 Page - OSRAM GmbH

Part No. LYG5AP-CXDX-36-1
Description  clear silicone lens
Download  21 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  OSRAM [OSRAM GmbH]
Homepage  http://www.osram.com
Logo 

 16 page
background image
2011-05-04
16
LY G5AP
Barcode-Product-Label (BPL)
Barcode-Produkt-Etikett (BPL)
Dry Packing Process and Materials
Trockenverpackung und Materialien
Note:
Moisture-sensitive product is packed in a dry bag containing desiccant and a humidity card.
Regarding dry pack you will find further information in the internet and in the Short Form Catalog in
chapter “Tape and Reel” under the topic “Dry Pack”. Here you will also find the normative references
like JEDEC.
Anm.:
Feuchteempfindliche Produkte sind verpackt in einem Trockenbeutel zusammen mit einem
Trockenmittel und einer Feuchteindikatorkarte.
Bezüglich Trockenverpackung finden Sie weitere Hinweise im Internet und in unserem Short Form
Catalog im Kapitel “Gurtung und Verpackung” unter dem Punkt “Trockenverpackung”. Hier sind
Normenbezüge, unter anderem ein Auszug der JEDEC-Norm, enthalten.
OHA04563
(G) GROUP:
1234567890
(1T) LOT NO:
(9D) D/C:
1234
(X) PROD NO:
123456789
(6P) BATCH NO:
1234567890
LX XXXX
RoHS Compliant
BIN1: XX-XX-X-XXX-X
ML
2
Temp
ST
260 °C R
Pack: R18
DEMY
022
B_R999_1880.1642 R
9999
(Q)QTY:
Semiconductors
OSRAM Opto
XX-XX-X-X
OHA00539
Moisture-sensitive label or print
Barcode label
Desiccant
Humidity indicator
Barcode label
OSRAM
M
o
is
tu
re
L
e
ve
l 3
F
lo
o
r tim
e
1
6
8
H
ou
rs
M
oi
s
tu
re
L
e
vel
6
F
lo
o
r t
im
e
6
H
o
u
rs
a
) H
um
id
it
y
In
d
ica
to
r
C
a
rd
is
>
1
0
%
w
he
n
r
e
a
d
a
t 2
3
˚C
±
5
˚C
, o
r
re
flo
w
, v
a
p
o
r-p
h
a
s
e
r
e
flo
w
, o
r
e
qu
iva
le
n
t p
ro
c
e
ss
in
g
(
p
e
ak
pa
c
k
a
g
e
2
. A
ft
er
th
is
b
ag
is
op
e
n
ed
,
d
ev
ic
e
s
t
ha
t
w
ill
be
su
bje
cte
d
to
i
n
fra
red
1
. S
he
lf
life
in
s
e
al
e
d
b
a
g:
2
4
m
o
nt
h
s
a
t <
40
˚C
a
n
d
<
9
0%
re
la
ti
v
e
h
um
id
it
y
(
R
H
).
M
o
is
tu
re
L
e
v
el
5
a
a
t f
a
ct
o
ry
c
o
n
d
ition
s
o
f
(if
bla
n
k
, s
e
a
l da
te
i
s
ide
n
tic
a
l
w
ith
d
a
te
c
o
d
e
).
a
) M
o
u
n
te
d
w
ith
in
b
) S
to
re
d
a
t
b
od
y
t
e
m
p
.
3
. D
ev
ic
e
s
re
qu
ire
b
a
k
in
g
, b
e
fo
re
m
o
un
tin
g
,
if
:
B
ag
s
ea
l d
a
te
M
oi
s
tu
re
L
e
v
el
1
M
o
is
tu
re
L
e
v
e
l
2
M
o
is
tu
re
L
e
v
e
l 2
a
4
. I
f
ba
k
ing
i
s
re
q
u
ir
e
d
,
b
)
2
a
o
r 2b
is
n
o
t m
e
t.
D
a
te
a
n
d
tim
e
o
pe
n
e
d
:
re
fe
re
n
c
e
I
P
C
/J
E
D
E
C
J-
S
T
D
-0
3
3
fo
r b
a
k
e
p
ro
ce
d
u
re
.
F
lo
o
r
tim
e
se
e
b
el
o
w
If
b
la
n
k
,
s
e
e
b
a
r c
o
d
e
l
a
be
l
F
lo
o
r tim
e
>
1
Y
ea
r
F
lo
o
r t
im
e
1
Y
e
a
r
F
lo
o
r
ti
m
e
4
W
e
e
k
s
1
0
%
R
H
.
_
<
M
ois
tur
e
L
e
v
e
l
4
M
o
ist
u
re
L
ev
e
l 5
˚C
).
O
PT
O
S
E
M
IC
ON
DU
C
TO
R
S
M
O
IS
T
U
R
E
SE
N
S
IT
IV
E
T
his
b
ag
c
on
ta
ins
C
A
U
T
IO
N
F
loo
r
tim
e
7
2
H
o
u
rs
F
loo
r
tim
e
4
8
H
o
u
rs
F
lo
o
r
tim
e
2
4
H
ou
rs
3
0
˚C
/6
0%
R
H
.
_
<
L
E
V
E
L
If
b
la
n
k
,
s
e
e
b
a
r
c
o
d
e
la
b
e
l




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl