Electronic Components Datasheet Search
Selected language     English  â–Œ


LYG5AP-CXDX-36-1 Datasheet(PDF) 17 Page - OSRAM GmbH

Part No. LYG5AP-CXDX-36-1
Description  clear silicone lens
Download  21 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  OSRAM [OSRAM GmbH]
Homepage  http://www.osram.com
Logo 

 
 17 page
background image
LY G5AP
2011-05-04
17
Transportation Packing and Materials
Kartonverpackung und Materialien
Dimensions of transportation box in mm (inch)
Safety Advice
Sicherheits Hinweise
none
keine
The evaluation of eye safety occurs according to the
standard IEC 62471:2006 ("photobiological safety
of lamps and lamp systems"). Within the risk
grouping system of this CIE standard, the LED
specified in this data sheet fall into the class
Exempt group (exposure time 10000s). Under real
circumstances (for exposure time, eye pupils,
observation distance), it is assumed that no
endangerment to the eye exists from these devices.
As a matter of principle, however, it should be
mentioned that intense light sources have a high
secondary exposure potential due to their blinding
effect. As is also true when viewing other bright light
sources (e.g. headlights), temporary reduction in
visual acuity and afterimages can occur, leading to
irritation, annoyance, visual impairment, and even
accidents, depending on the situation.
Die Bewertung der Augensicherheit erfolgt nach
dem Standard IEC 62471:2006 ("photobiological
safety of lamps and lamp systems"). Im
Risikogruppensystem dieser CIE- Norm erfĂŒllen die
in diesem Datenblatt angegebenen LEDs folgende
Gruppenanforderung - Exempt group
(Expositionsdauer 10000s). Unter realen
UmstĂ€nden (fĂŒr Expositionsdauer, Augenpupille,
Betrachtungsabstand) geht damit von diesen
Bauelementen keinerlei AugengefÀhrdung aus.
GrundsÀtzlich sollte jedoch erwÀhnt werden, dass
intensive Lichtquellen durch ihre Blendwirkung ein
hohes sekundÀres Gefahrenpotenzial besitzen.
Nach einem Blick in eine helle Lichtquelle (z.B.
Autoscheinwerfer), kann ein temporÀr
eingeschrÀnktes Sehvermögen oder auch
Nachbilder zu Irritationen, BelÀstigungen,
BeeintrĂ€chtigungen oder sogar UnfĂ€llen fĂŒhren.
OHA02044
1
0
1
1
210021998
0
2
45
Packing
Sealing label
Barcode label
M
ois
tu
re
Lev
e
l
3
F
lo
or
ti
m
e
1
68
H
o
urs
M
o
is
ture
Le
ve
l 6
F
lo
or
tim
e
6
Ho
urs
a)
H
um
idi
ty
In
di
ca
tor
C
a
rd
is
>
1
0
%
wh
en
rea
d
a
t 23
˚C
±
5
˚C
, o
r
re
fl
ow
, v
ap
or
-ph
a
s
e
re
flow
, o
r e
q
uiv
ale
nt
p
ro
ces
si
ng
(p
ea
k
pa
c
k
age
2.
A
fter
this
b
ag
is
o
pe
ned,
de
v
ice
s
th
at
w
ill
be
s
ub
je
c
ted
to
in
frar
e
d
1
. S
helf
life
in
s
e
ale
d
ba
g
: 2
4
m
o
n
th
s
at
<
40
˚C
an
d
<
9
0%
rela
tiv
e
hu
m
idi
ty
(
R
H)
.
M
ois
tu
re
Le
ve
l 5a
a
t f
ac
tor
y
c
ond
itio
n
s
o
f
(if
b
lank
,
se
a
l d
ate
is
i
den
tic
al
w
ith
d
ate
c
od
e
).
a)
M
ou
nted
w
ithi
n
b)
S
to
red
at
b
o
dy
tem
p
.
3.
D
ev
ic
e
s
req
ui
re
bak
in
g,
befo
re
m
o
un
ting
, if
:
B
ag
s
eal
d
a
te
M
ois
tur
e
L
e
v
el
1
M
o
is
tu
re
L
ev
el
2
M
oi
stu
re
Lev
el
2a
4.
I
f ba
kin
g
is
re
qu
ire
d,
b)
2
a
or
2b
is
n
o
t m
e
t.
D
ate
an
d
tim
e
op
ene
d:
refer
en
ce
IP
C
/J
E
D
EC
J
-S
T
D-
03
3
fo
r b
ak
e
p
ro
ce
dure
.
F
lo
o
r tim
e
s
ee
b
e
low
If
blan
k
, se
e
ba
r c
od
e
la
bel
F
loor
tim
e
>
1
Y
e
ar
Flo
or
t
im
e
1
Y
ea
r
Flo
or
tim
e
4
W
ee
ks
1
0%
R
H
.
_
<
M
ois
tu
re
Leve
l
4
M
ois
tur
e
Le
ve
l 5
˚C
).
O
P
T
O
S
EM
IC
O
N
D
UC
T
OR
S
M
O
IS
TU
R
E
S
EN
S
IT
IV
E
This
ba
g
c
on
tain
s
C
AU
T
IO
N
F
lo
o
r ti
m
e
7
2
H
ou
rs
Flo
o
r tim
e
48
H
ou
rs
F
lo
or
ti
m
e
24
Ho
urs
3
0
˚C
/6
0%
R
H
.
_
<
L
E
V
E
L
If
b
la
n
k
,
s
e
e
b
a
r
c
o
d
e
la
b
e
l
Barcode label




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl