Electronic Components Datasheet Search
Selected language     English  Ôľ╝


LYG5AP-CXDX-36-1 Datasheet(PDF) 4 Page - OSRAM GmbH

Part No. LYG5AP-CXDX-36-1
Description  clear silicone lens
Download  21 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  OSRAM [OSRAM GmbH]
Homepage  http://www.osram.com
Logo 

 
 4 page
background image
2011-05-04
4
LY G5AP
Characteristics (T
S = 25 ┬░C, IF = 100 mA)
Kennwerte
Parameter
Symbol
Values
Unit
Bezeichnung
Symbol
Werte
Einheit
Wavelength at peak emission
Wellenl├Ąnge d. emittierten Lichtes
(typ.)
╬╗
peak
593
nm
Dominant Wavelength *
3) page 20
Dominantwellenl├Ąnge *
3) Seite 20
(min.)
(typ.)
(max.)
╬╗
dom
╬╗
dom
╬╗
dom
583
590
595
nm
nm
nm
Spectral bandwidth at 50% I
rel max
Spektrale Bandbreite b. 50% I
rel max
(typ.)
Δλ
18
nm
viewing angle at 50 % I
V
Abstrahlwinkel bei 50 % I
V
(typ.)
2
¤Ľ
145
┬░
Forward voltage *
4) page 20
Durchlassspannung *
4) Seite 20
(min.)
(typ.)
(max.)
V
F
V
F
V
F
2.05
2.17
2.65
V
V
V
Reverse current
Sperrstrom
I
R
not designed for reverse operation
Thermal Resistance Junction /
Solderpoint **
W├Ąrmewiderstand Sperrschicht /
L├Âtpad **
(max.)
R
thJS
50
K/W
Thermal Resistance Junction /
Solderpoint **
W├Ąrmewiderstand Sperrschicht /
L├Âtpad **
(typ.)
R
thJS
40
K/W
Note:
* Individual groups on page 5
** R
th is based on statistic values
Anm.:
* Einzelgruppen siehe Seilte 5
** R
th basiert auf statistischen Werten




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved┬ę Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl