Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LYG6SP-CBEB-36-3B5A Datasheet(PDF) 9 Page - OSRAM GmbH

Part # LYG6SP-CBEB-36-3B5A
Description  white SMT package
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LYG6SP-CBEB-36-3B5A Datasheet(HTML) 9 Page - OSRAM GmbH

Back Button LYG6SP-CBEB-36-3B5A Datasheet HTML 5Page - OSRAM GmbH LYG6SP-CBEB-36-3B5A Datasheet HTML 6Page - OSRAM GmbH LYG6SP-CBEB-36-3B5A Datasheet HTML 7Page - OSRAM GmbH LYG6SP-CBEB-36-3B5A Datasheet HTML 8Page - OSRAM GmbH LYG6SP-CBEB-36-3B5A Datasheet HTML 9Page - OSRAM GmbH LYG6SP-CBEB-36-3B5A Datasheet HTML 10Page - OSRAM GmbH LYG6SP-CBEB-36-3B5A Datasheet HTML 11Page - OSRAM GmbH LYG6SP-CBEB-36-3B5A Datasheet HTML 12Page - OSRAM GmbH LYG6SP-CBEB-36-3B5A Datasheet HTML 13Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
Version 1.2
LY G6SP
2015-04-23
9
Relative Forward Voltage 6) page 20
Relative Vorwärtsspannung 6) Seite 20
ΔVF = VF - VF(25 °C) = f(Tj); IF = 140 mA
Relative Luminous Intensity 6) page 20
Relative Lichtstärke 6) Seite 20
IV/IV(25)°C = f(Tj); IF = 140 mA
Dominant Wavelength 6) page 20
Dominante Wellenlänge 6) Seite 20
Δλdom = λdom - λdom (25 °C) = f(Tj); IF = 140 mA
LY G6SP
-40
-20
0
20
40
60
80
100
Tj [°C]
-0.3
-0.2
-0.1
0.0
0.1
0.2
0.3
∆V
F [V]
LY G6SP
-40
-20
0
20
40
60
80
100
Tj [°C]
0.0
0.5
1.0
1.5
2.0
2.5
Iv
Iv(25°C)
LY G6SP
-40
-20
0
20
40
60
80
100
Tj [°C]
-15
-10
-5
0
5
10
15
∆λ
dom [nm]


Similar Part No. - LYG6SP-CBEB-36-3B5A

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LYG6SP-BBDB-36-1 OSRAM-LYG6SP-BBDB-36-1 Datasheet
247Kb / 15P
   Advanced Power TOPLED Enhanced ThinFilm LED Lead (Pb) Free Product - RoHS Compliant
More results

Similar Description - LYG6SP-CBEB-36-3B5A

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LS-A676 OSRAM-LS-A676 Datasheet
194Kb / 14P
   white SMT package
LYM676-Q2T1-26 OSRAM-LYM676-Q2T1-26 Datasheet
506Kb / 20P
   white SMT package
LWY8SG-V1AA-3K6L OSRAM-LWY8SG-V1AA-3K6L Datasheet
556Kb / 22P
   white SMT package
LYM67K-J1L2-26 OSRAM-LYM67K-J1L2-26 Datasheet
503Kb / 20P
   white SMT package
LYY8SF-U1V2-36 OSRAM-LYY8SF-U1V2-36 Datasheet
496Kb / 21P
   white SMT package
LWY87C-S1T2-3K8L OSRAM-LWY87C-S1T2-3K8L Datasheet
607Kb / 22P
   white SMT package
LSYA676 OSRAM-LSYA676 Datasheet
398Kb / 15P
   white SMT package
LSY-A676 OSRAM-LSY-A676 Datasheet
398Kb / 15P
   white SMT package
LYY876-Q2T1-26 OSRAM-LYY876-Q2T1-26 Datasheet
504Kb / 20P
   white SMT package
LW-A67C OSRAM-LW-A67C Datasheet
188Kb / 15P
   white SMT package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com