Electronic Components Datasheet Search
Selected language     English  ▼


LYG6SP-CBEB-36-3B5A Datasheet(PDF) 10 Page - OSRAM GmbH

Part No. LYG6SP-CBEB-36-3B5A
Description  white SMT package
Download  21 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  OSRAM [OSRAM GmbH]
Homepage  http://www.osram.com
Logo 

 10 page
background image
2015-04-23
10
Version 1.2
LY G6SP
Max. Permissible Forward Current
Max. zulässiger Durchlassstrom
IF = f (T)
Permissible Pulse Handling Capability
Zulässige Impulsbelastbarkeit IF = f(tp)
D: Duty cycle, TS = 25 °C
Permissible Pulse Handling Capability
Zulässige Impulsbelastbarkeit IF = f(tp)
D: Duty cycle, TS = 85 °C
0
0
˚C
T
IF
mA
OHL02180
TA
TS
A
T
TS temp. solder point
temp. ambient
50
100
150
200
250
20
40
60
80
120
0
-5
F
I
A
t
P
=
D
T
tp
s
0.2
0.5
0.05
1
0.1
OHL01184
0.02
0.005
0.01
=
D
T
t
P
IF
-4
10
-3
10
-2
10
-1
10
0
10
1
10
2
10
10
0.033
0.2
0.4
0.6
0.8
1.0
1.2
0
-5
F
I
A
t
P
=
D
T
tp
s
0.2
0.5
0.05
1
0.1
OHL01185
0.02
0.005
0.01
=
D
T
t
P
IF
-4
10
-3
10
-2
10
-1
10
0
10
1
10
2
10
10
0.033
0.2
0.4
0.6
0.8
1.0
1.2




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl