Electronic Components Datasheet Search
Selected language     English  â–Ľ


LYG6SP-CBEB-36-3B5A Datasheet(PDF) 5 Page - OSRAM GmbH

Part No. LYG6SP-CBEB-36-3B5A
Description  white SMT package
Download  21 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  OSRAM [OSRAM GmbH]
Homepage  http://www.osram.com
Logo 

 
 5 page
background image
Version 1.2
LY G6SP
2015-04-23
5
Brightness Groups
Helligkeitsgruppen
Forward Voltage Groups 4) page 20
Durchlassspannungsgruppen 4) Seite 20
Dominant Wavelength Groups 3) page 20
Dominant Wellenlängengruppen 3) Seite 20
Group
Luminous Intensity 1) page 20
Luminous Intensity 1) page 20
Luminous Flux 6) page 20
Grupp
e
Lichtstärke 1) Seite 20
Lichtstärke 1) Seite 20
Lichtstrom 6) Seite 20
(min.) I
v [cd]
(max.) I
v [cd]
(typ.) Φ
V [lm]
CB
3.55
4.5
12.1
DA
4.5
5.6
15.2
DB
5.6
7.1
19.1
EA
7.1
9
24.2
EB
9
11.2
30.3
Group
Gruppe
(min.) V
F [V]
(max.) V
F [V]
3B
2.05
2.20
4A
2.20
2.35
4B
2.35
2.50
5A
2.50
2.65
Note:
Anm:
Group
yellow
Gruppe
(min.) λdom
[nm]
(max.) λdom
[nm]
3
583
586
4
586
589
5
589
592
6
592
595
Note:
No packing unit / tape ever contains more than one color group for each selection.
Anm.:
In einer Verpackungseinheit / Gurt ist immer nur eine Gruppe fĂĽr jede Farbe enthalten.




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl