Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LYGT67K-JL-1-HK-1 Datasheet(PDF) 10 Page - OSRAM GmbH

Part # LYGT67K-JL-1-HK-1
Description  white PLCC-4 package
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LYGT67K-JL-1-HK-1 Datasheet(HTML) 10 Page - OSRAM GmbH

Back Button LYGT67K-JL-1-HK-1 Datasheet HTML 6Page - OSRAM GmbH LYGT67K-JL-1-HK-1 Datasheet HTML 7Page - OSRAM GmbH LYGT67K-JL-1-HK-1 Datasheet HTML 8Page - OSRAM GmbH LYGT67K-JL-1-HK-1 Datasheet HTML 9Page - OSRAM GmbH LYGT67K-JL-1-HK-1 Datasheet HTML 10Page - OSRAM GmbH LYGT67K-JL-1-HK-1 Datasheet HTML 11Page - OSRAM GmbH LYGT67K-JL-1-HK-1 Datasheet HTML 12Page - OSRAM GmbH LYGT67K-JL-1-HK-1 Datasheet HTML 13Page - OSRAM GmbH LYGT67K-JL-1-HK-1 Datasheet HTML 14Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
2016-10-04
10
LYG T67K
Maßzeichnung
8) Seite 18
Package Outlines
8) page 18
Gewicht / Approx. weight:
35 mg
Korrosionsfestigkeit besser als EN 60068-2-60 (method 4):
mit erweitertem Korrosionstest: 40°C / 90%rh / 15pp m H
2S / 336h
Corrosion robustness better than EN 60068-2-60 (method 4):
with enhanced corrosion test: 40°C / 90%rh / 15ppm H
2S / 336h
L
Y
G
T67K
LED
Emission color 1
Emission color 2
Package
die 1
die 2
cathode C1: pin 1 cathode C2: pin 3


Similar Part No. - LYGT67K-JL-1-HK-1

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LYGT67K-JL-1+HK-1 OSRAM-LYGT67K-JL-1+HK-1 Datasheet
548Kb / 18P
   indoor and outdoor displays
More results

Similar Description - LYGT67K-JL-1-HK-1

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LUWG5GP-GXHY-5C8E OSRAM-LUWG5GP-GXHY-5C8E Datasheet
404Kb / 18P
   white PLCC-4 package
logo
EHAOAN.
EH-2835S850-10120 EHAOAN-EH-2835S850-10120 Datasheet
2Mb / 9P
   White PLCC package
EH-2835S850-14120 EHAOAN-EH-2835S850-14120 Datasheet
2Mb / 9P
   White PLCC package
EH-2835S940-1460 EHAOAN-EH-2835S940-1460 Datasheet
3Mb / 9P
   White PLCC package
EH-2835S850-1430 EHAOAN-EH-2835S850-1430 Datasheet
2Mb / 9P
   White PLCC package
EH-2835S940-10100 EHAOAN-EH-2835S940-10100 Datasheet
3Mb / 9P
   White PLCC package
EH-2835S850-10100 EHAOAN-EH-2835S850-10100 Datasheet
3Mb / 9P
   White PLCC package
EH-2835S850-20100 EHAOAN-EH-2835S850-20100 Datasheet
2Mb / 9P
   White PLCC package
EH-2835S850-2030 EHAOAN-EH-2835S850-2030 Datasheet
2Mb / 9P
   White PLCC package
EH-2835S850-2060 EHAOAN-EH-2835S850-2060 Datasheet
2Mb / 9P
   White PLCC package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com