Electronic Components Datasheet Search
Selected language     English  ▼


LYH9PP-HZKX-46-1 Datasheet(PDF) 9 Page - OSRAM GmbH

Part No. LYH9PP-HZKX-46-1
Description  SMD epoxy package
Download  22 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  OSRAM [OSRAM GmbH]
Homepage  http://www.osram.com
Logo 

 9 page
background image
Version 1.6 (replacement in due course)
LY H9PP
2016-01-11
9
Relative Forward Voltage 5) page 21
Relative Vorwärtsspannung 5) Seite 21
ΔVF = VF - VF(25 °C) = f(Tj); IF = 350 mA
Relative Luminous Flux 5) page 21
Relativer Lichtstrom 5) Seite 21
ΦVV(25 °C) = f(Tj); IF = 350 mA
Dominant Wavelength 5) page 21
Dominante Wellenlänge 5) Seite 21
Δλdom = λdom - λdom (25 °C) = f(Tj); IF = 350 mA
LY H9PP
-40 -20
0
20
40
60
80 100 120 140
Tj [°C]
-0,3
-0,2
-0,1
0,0
0,1
0,2
0,3
∆VF [V]
LY H9PP
-40 -20
0
20
40
60
80 100 120 140
Tj [°C]
0,0
0,5
1,0
1,5
2,0
2,5
Φ
v
Φ
v(25°C)
LY H9PP
-40 -20
0
20
40
60
80 100 120 140
Tj [°C]
-10
-5
0
5
10
15
20
∆λ dom [nm]




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl