Electronic Components Datasheet Search
Selected language     English  â–Œ


LYH9PP-HZKX-46-1 Datasheet(PDF) 4 Page - OSRAM GmbH

Part No. LYH9PP-HZKX-46-1
Description  SMD epoxy package
Download  22 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  OSRAM [OSRAM GmbH]
Homepage  http://www.osram.com
Logo 

 
 4 page
background image
2016-01-11
4
Version 1.6 (replacement in due course)
LY H9PP
Characteristics (TS = 25 °C; IF = 350 mA)
Kennwerte
Parameter
Symbol
Values
Unit
Bezeichnung
Symbol
Werte
Einheit
Wavelength at peak emission
WellenlÀnge d. emittierten Lichtes
(typ.)
λ
peak
597
nm
Dominant Wavelength
2) page 21
DominantwellenlÀnge
2) Seite 21
(min.)
(typ.)
(max.)
λdom
λdom
λdom
586
590
595
nm
nm
nm
Spectral bandwidth at 50% Irel max
Spektrale Bandbreite b. 50% I
rel max
(typ.)
∆λ
18
nm
Viewing angle at 50 % I
V
Abstrahlwinkel bei 50 % I
V
(typ.)
2ϕ
120
°
Forward voltage
3) page 21
Durchlassspannung
3) Seite 21
(min.)
(typ.)
(max.)
VF
VF
VF
2.00
2.26
2.60
V
V
V
Reverse current
Sperrstrom
IR
not designed for
reverse operation
Real thermal resistance junction / solder point
4) page 21
Realer WÀrmewiderstand Sperrschicht / Lötpad
4) Seite 21
(typ.)
(max.)
R
th JS real
R
th JS real
6.5
11
K/W
K/W
"Electrical" thermal resistance junction / solder point
4) page 21
"Elektrischer" WĂ€rmewiderstand Sperrschicht /
Lötpad 4) Seite 21
(with efficiency η
e = 14 %)
(typ.)
(max.)
Rth JS el
Rth JS el
5.6
9.5
K/W
K/W
Note:
Individual forward voltage groups see next page
Anm.:
Durchlassspannungsgruppen siehe nÀchste Seite




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl