Electronic Components Datasheet Search
Selected language     English  â–Ľ


LYH9PP-HZKX-46-1 Datasheet(PDF) 5 Page - OSRAM GmbH

Part No. LYH9PP-HZKX-46-1
Description  SMD epoxy package
Download  22 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  OSRAM [OSRAM GmbH]
Homepage  http://www.osram.com
Logo 

 
 5 page
background image
Version 1.6 (replacement in due course)
LY H9PP
2016-01-11
5
Brightness Groups
Helligkeitsgruppen
Forward Voltage Groups 3) page 21
Durchlassspannungsgruppen 3) Seite 21
Dominant Wavelength Groups
2) page 21
Dominant Wellenlängengruppen
2) Seite 21
Group
Luminous Flux 1) page 21
Luminous Flux 1) page 21
Luminous Intensity
5) page 21
Gruppe
Lichtstrom 1) Seite 21
Lichtstrom 1) Seite 21
Lichtstärke 5) Seite 21
(min.) Φ
V [lm]
(max.) Φ
V [lm]
(typ.) I
V [cd]
HZ
39
45
13.9
JX
45
52
16
JY
52
61
18.6
JZ
61
71
21.8
KX
71
82
25.2
Group
Gruppe
(min.) V
F [V]
(max.) V
F [V]
J3
2.00
2.15
M3
2.15
2.30
Q3
2.30
2.45
T3
2.45
2.60
Group
yellow
Gruppe
(min.) λdom
[nm]
(max.) λdom
[nm]
4
586
589
5
589
592
6
592
595
Note:
No packing unit / tape ever contains more than one color group for each selection.
Anm.:
In einer Verpackungseinheit / Gurt ist immer nur eine Gruppe fĂĽr jede Farbe enthalten.




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl