Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LYM67F-T2V2-36 Datasheet(PDF) 9 Page - OSRAM GmbH

Part # LYM67F-T2V2-36
Description  SMD epoxy package
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LYM67F-T2V2-36 Datasheet(HTML) 9 Page - OSRAM GmbH

Back Button LYM67F-T2V2-36 Datasheet HTML 5Page - OSRAM GmbH LYM67F-T2V2-36 Datasheet HTML 6Page - OSRAM GmbH LYM67F-T2V2-36 Datasheet HTML 7Page - OSRAM GmbH LYM67F-T2V2-36 Datasheet HTML 8Page - OSRAM GmbH LYM67F-T2V2-36 Datasheet HTML 9Page - OSRAM GmbH LYM67F-T2V2-36 Datasheet HTML 10Page - OSRAM GmbH LYM67F-T2V2-36 Datasheet HTML 11Page - OSRAM GmbH LYM67F-T2V2-36 Datasheet HTML 12Page - OSRAM GmbH LYM67F-T2V2-36 Datasheet HTML 13Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
Version 1.3
LY M67F
2014-10-31
9
Relative Forward Voltage 7) page 20
Relative Vorwärtsspannung 7) Seite 20
ΔVF = VF - VF(25 °C) = f(Tj); IF = 20 mA
Relative Luminous Intensity 7) page 20
Relative Lichtstärke 7) Seite 20
IV/IV(25)°C = f(Tj); IF = 20 mA
OHL02667
T
F
V
j
-40
-0.2
-20
0
20 40
0.25
˚C
60
100
-60
V
-0.15
-0.1
-0.05
0
0.05
0.1
0.15
OHL02666
0
-40
˚C
T
(25 ˚C)
I
V
I
V
0.5
1.0
1.5
2.0
2.5
-20
0
20 40 60
100
super red
j
-60
amber
red
orange
yellow


Similar Part No. - LYM67F-T2V2-36

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LYM67F-T2V2-36 OSRAM-LYM67F-T2V2-36 Datasheet
367Kb / 21P
   Coupling into Light Guides
logo
HK TO-GRACE TECHNOLOGY ...
LYM67F-T2V2-36 TO-GRACE-LYM67F-T2V2-36 Datasheet
781Kb / 9P
   Power Mini SMD LED
More results

Similar Description - LYM67F-T2V2-36

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH-4735 OSRAM-SFH-4735 Datasheet
629Kb / 13P
   SMD epoxy package
KY-DMLN31.23 OSRAM-KY-DMLN31.23 Datasheet
666Kb / 22P
   SMD epoxy package
KY-DMLN31.FY OSRAM-KY-DMLN31.FY Datasheet
704Kb / 23P
   SMD epoxy package
LYH9PP-HZKX-46-1 OSRAM-LYH9PP-HZKX-46-1 Datasheet
750Kb / 22P
   SMD epoxy package
LAM67F-V1AB-24 OSRAM-LAM67F-V1AB-24 Datasheet
536Kb / 21P
   SMD epoxy package
LUWH9QP-5M8M-HNJN-1 OSRAM-LUWH9QP-5M8M-HNJN-1 Datasheet
969Kb / 24P
   SMD epoxy package
LUWH9QP OSRAM-LUWH9QP Datasheet
955Kb / 24P
   SMD epoxy package
KR-DMLN31.23 OSRAM-KR-DMLN31.23 Datasheet
676Kb / 22P
   SMD epoxy package
KR-DMLQ31.23 OSRAM-KR-DMLQ31.23 Datasheet
710Kb / 21P
   SMD epoxy package
KY-DMLS31.FY OSRAM-KY-DMLS31.FY Datasheet
1Mb / 23P
   SMD epoxy package
LA-H9PP OSRAM-LA-H9PP Datasheet
747Kb / 22P
   SMD epoxy package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com