Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LYM67F-T2V2-36 Datasheet(PDF) 1 Page - OSRAM GmbH

Part # LYM67F-T2V2-36
Description  SMD epoxy package
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LYM67F-T2V2-36 Datasheet(HTML) 1 Page - OSRAM GmbH

  LYM67F-T2V2-36 Datasheet HTML 1Page - OSRAM GmbH LYM67F-T2V2-36 Datasheet HTML 2Page - OSRAM GmbH LYM67F-T2V2-36 Datasheet HTML 3Page - OSRAM GmbH LYM67F-T2V2-36 Datasheet HTML 4Page - OSRAM GmbH LYM67F-T2V2-36 Datasheet HTML 5Page - OSRAM GmbH LYM67F-T2V2-36 Datasheet HTML 6Page - OSRAM GmbH LYM67F-T2V2-36 Datasheet HTML 7Page - OSRAM GmbH LYM67F-T2V2-36 Datasheet HTML 8Page - OSRAM GmbH LYM67F-T2V2-36 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
2014-10-31
1
2014-10-31
Mini TOPLED
Datasheet
Version 1.3
LY M67F
Features:
Besondere Merkmale:
• Package: SMD epoxy package
Gehäusetyp: SMD Epoxid Gehäuse
• Technology: InGaAlP Thinfilm
Technologie: InGaAlP Thinfilm
• Viewing angle at 50 % I
V: 120° (Lambertian
Emitter)
Abstrahlwinkel bei 50 % I
V: 120° (Lambertscher
Strahler)
• Color: yellow (590 nm)
Farbe: gelb (590 nm)
• Corrosion Robustness: Improved corrosion
robustness
Korrosionsstabilität: Verbesserte
Korrosionsstabilität
Applications
Anwendungen
• Optical Indicator
Optischer Indikator
• Coupling into Light Guides
Einkopplung in Lichtleiter
• Backlighting
Hinterleuchtung
• LCD Backlighting
LCD Beleuchtung
• Automotive Interior Lighting
Automobilbeleuchtung innen
• Dashboard Backlighting
Instrumentenbeleuchtung


Similar Part No. - LYM67F-T2V2-36

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LYM67F-T2V2-36 OSRAM-LYM67F-T2V2-36 Datasheet
367Kb / 21P
   Coupling into Light Guides
logo
HK TO-GRACE TECHNOLOGY ...
LYM67F-T2V2-36 TO-GRACE-LYM67F-T2V2-36 Datasheet
781Kb / 9P
   Power Mini SMD LED
More results

Similar Description - LYM67F-T2V2-36

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH-4735 OSRAM-SFH-4735 Datasheet
629Kb / 13P
   SMD epoxy package
KY-DMLN31.23 OSRAM-KY-DMLN31.23 Datasheet
666Kb / 22P
   SMD epoxy package
KY-DMLN31.FY OSRAM-KY-DMLN31.FY Datasheet
704Kb / 23P
   SMD epoxy package
LYH9PP-HZKX-46-1 OSRAM-LYH9PP-HZKX-46-1 Datasheet
750Kb / 22P
   SMD epoxy package
LAM67F-V1AB-24 OSRAM-LAM67F-V1AB-24 Datasheet
536Kb / 21P
   SMD epoxy package
LUWH9QP-5M8M-HNJN-1 OSRAM-LUWH9QP-5M8M-HNJN-1 Datasheet
969Kb / 24P
   SMD epoxy package
LUWH9QP OSRAM-LUWH9QP Datasheet
955Kb / 24P
   SMD epoxy package
KR-DMLN31.23 OSRAM-KR-DMLN31.23 Datasheet
676Kb / 22P
   SMD epoxy package
KR-DMLQ31.23 OSRAM-KR-DMLQ31.23 Datasheet
710Kb / 21P
   SMD epoxy package
KY-DMLS31.FY OSRAM-KY-DMLS31.FY Datasheet
1Mb / 23P
   SMD epoxy package
LA-H9PP OSRAM-LA-H9PP Datasheet
747Kb / 22P
   SMD epoxy package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com