Electronic Components Datasheet Search
Selected language     English  ▼


LYM67F-T2V2-36 Datasheet(PDF) 10 Page - OSRAM GmbH

Part No. LYM67F-T2V2-36
Description  SMD epoxy package
Download  21 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  OSRAM [OSRAM GmbH]
Homepage  http://www.osram.com
Logo 

 10 page
background image
2014-10-31
10
Version 1.3
LY M67F
Max. Permissible Forward Current
Max. zulässiger Durchlassstrom
IF = f (T)
Permissible Pulse Handling Capability
Zulässige Impulsbelastbarkeit I
F = f(tp)
D: Duty cycle, TS = 25 °C
Permissible Pulse Handling Capability
Zulässige Impulsbelastbarkeit I
F = f(tp)
D: Duty cycle, TS = 85 °C
OHL00773
0
IF
T
0
mA
20
40
60
80 ˚C 100
temp. ambient
TA
5
10
15
20
25
30
35
temp. solder point
S
T
A
T
S
T
0.2
10
10
0
-2
-3
-4
-5
10
10
10
F
I
A
2
1
0
-1 10
tp
10 s 10
OHL02706
0.02
0.04
0.06
0.08
0.12
0.10
T
D
t
=
T
P
t
P
IF
1
0.5
0.05
0.005
0.02
0.01
0.1
D =
10
10
0
-2
-3
-4
-5
10
10
10
F
I
A
2
1
0
-1 10
tp
10 s 10
OHL02707
0.02
0.04
0.06
0.08
0.12
t
P
=
T
T
P
t
IF
D
1
0.5
0.2
0.05
0.1
0.005
0.01
0.02
D =
0.10




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl