Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LYM67F-T2V2-36 Datasheet(PDF) 4 Page - OSRAM GmbH

Part # LYM67F-T2V2-36
Description  SMD epoxy package
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LYM67F-T2V2-36 Datasheet(HTML) 4 Page - OSRAM GmbH

  LYM67F-T2V2-36 Datasheet HTML 1Page - OSRAM GmbH LYM67F-T2V2-36 Datasheet HTML 2Page - OSRAM GmbH LYM67F-T2V2-36 Datasheet HTML 3Page - OSRAM GmbH LYM67F-T2V2-36 Datasheet HTML 4Page - OSRAM GmbH LYM67F-T2V2-36 Datasheet HTML 5Page - OSRAM GmbH LYM67F-T2V2-36 Datasheet HTML 6Page - OSRAM GmbH LYM67F-T2V2-36 Datasheet HTML 7Page - OSRAM GmbH LYM67F-T2V2-36 Datasheet HTML 8Page - OSRAM GmbH LYM67F-T2V2-36 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
2014-10-31
4
Version 1.3
LY M67F
Characteristics (T
S = 25 °C; IF = 20 mA)
Kennwerte
Parameter
Symbol
Values
Unit
Bezeichnung
Symbol
Werte
Einheit
Wavelength at peak emission
Wellenlänge d. emittierten Lichtes
(typ.)
λ
peak
597
nm
Dominant Wavelength
3) page 20
Dominantwellenlänge 3) Seite 20
(min.)
(typ.)
(max.)
λ
dom
λ
dom
λ
dom
583
590
595
nm
nm
nm
Spectral bandwidth at 50% I
rel max
Spektrale Bandbreite b. 50% I
rel max
(typ.)
∆λ
18
nm
Viewing angle at 50 % I
V
Abstrahlwinkel bei 50 % I
V
(typ.)
120
°
Forward voltage 4) page 20
Durchlassspannung
4) Seite 20
(min.)
(typ.)
(max.)
V
F
V
F
V
F
1.90
2.20
2.50
V
V
V
Reverse current
Sperrstrom
(V
R = 12 V)
(typ.)
(max.)
I
R
I
R
0.2
10
µA
µA
Temperature coefficient of λ
peak
Temperaturkoeffizient von λ
peak
(-10°C ≤ T ≤ 100°C)
(typ.)
TC
λpeak
0.12
nm/K
Temperature coefficient of λ
dom
Temperaturkoeffizient von λ
dom
(-10°C ≤ T ≤ 100°C)
(typ.)
TC
λdom
0.1
nm/K
Temperature coefficient of V
F
Temperaturkoeffizient von V
F
(-10°C ≤ T ≤ 100°C)
(typ.)
TC
V
-2.50
mV/K
Real thermal resistance junction / ambient
5) page 20 , 6) page 20
Realer Wärmewiderstand Sperrschicht /
Umgebung 5) Seite 20 , 6) Seite 20
(max.)
R
th JA real
580
K/W
Real thermal resistance junction / solder point
6) page 20
Realer Wärmewiderstand Sperrschicht / Lötpad
6) Seite 20
(max.)
R
th JS real
330
K/W
Note:
Individual forward voltage groups see next page
Anm.:
Durchlassspannungsgruppen siehe nächste Seite


Similar Part No. - LYM67F-T2V2-36

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LYM67F-T2V2-36 OSRAM-LYM67F-T2V2-36 Datasheet
367Kb / 21P
   Coupling into Light Guides
logo
HK TO-GRACE TECHNOLOGY ...
LYM67F-T2V2-36 TO-GRACE-LYM67F-T2V2-36 Datasheet
781Kb / 9P
   Power Mini SMD LED
More results

Similar Description - LYM67F-T2V2-36

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH-4735 OSRAM-SFH-4735 Datasheet
629Kb / 13P
   SMD epoxy package
KY-DMLN31.23 OSRAM-KY-DMLN31.23 Datasheet
666Kb / 22P
   SMD epoxy package
KY-DMLN31.FY OSRAM-KY-DMLN31.FY Datasheet
704Kb / 23P
   SMD epoxy package
LYH9PP-HZKX-46-1 OSRAM-LYH9PP-HZKX-46-1 Datasheet
750Kb / 22P
   SMD epoxy package
LAM67F-V1AB-24 OSRAM-LAM67F-V1AB-24 Datasheet
536Kb / 21P
   SMD epoxy package
LUWH9QP-5M8M-HNJN-1 OSRAM-LUWH9QP-5M8M-HNJN-1 Datasheet
969Kb / 24P
   SMD epoxy package
LUWH9QP OSRAM-LUWH9QP Datasheet
955Kb / 24P
   SMD epoxy package
KR-DMLN31.23 OSRAM-KR-DMLN31.23 Datasheet
676Kb / 22P
   SMD epoxy package
KR-DMLQ31.23 OSRAM-KR-DMLQ31.23 Datasheet
710Kb / 21P
   SMD epoxy package
KY-DMLS31.FY OSRAM-KY-DMLS31.FY Datasheet
1Mb / 23P
   SMD epoxy package
LA-H9PP OSRAM-LA-H9PP Datasheet
747Kb / 22P
   SMD epoxy package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com