Electronic Components Datasheet Search
Selected language     English  ▼


LYM67K-J1L2-26 Datasheet(PDF) 8 Page - OSRAM GmbH

Part No. LYM67K-J1L2-26
Description  white SMT package
Download  20 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  OSRAM [OSRAM GmbH]
Homepage  http://www.osram.com
Logo 

 8 page
background image
2014-10-31
8
Version 1.2
LY M67K
Forward Current 7) page 19
Durchlassstrom 7) Seite 19
IF = f (VF); TS = 25 °C
Relative Luminous Intensity 7) page 19 , 8) page 19
Relative Lichtstärke 7) Seite 19 , 8) Seite 19
IV/IV(2 mA) = f(IF); TS = 25 °C
Relative Luminous Intensity 7) page 19
Relative Lichtstärke 7) Seite 19
IV/IV(25)°C = f(Tj); IF = 2 mA
10
10-3
10-2
-1
100
101
102
OHL00388
1.4
IF
VF
1.6
1.8
2.0
2.2
V 2.6
mA
OHL00376
10-1
I
10
0
mA
V (2 mA)
I
V
I
F
10
1
2
10
0
10
1
10
102
super-red
orange
yellow
5
5
5
0.0
OHL00290
˚C
T
-60
V
V (25 ˚C)
Ι
Ι
-40 -20
0
20
40
60
100
0.5
1.0
1.5
2.5
j




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl