Electronic Components Datasheet Search
Selected language     English  ▼


LYM67K-J1L2-26 Datasheet(PDF) 4 Page - OSRAM GmbH

Part No. LYM67K-J1L2-26
Description  white SMT package
Download  20 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  OSRAM [OSRAM GmbH]
Homepage  http://www.osram.com
Logo 

 
 4 page
background image
2014-10-31
4
Version 1.2
LY M67K
Characteristics (T
S = 25 °C; IF = 2 mA)
Kennwerte
Parameter
Symbol
Values
Unit
Bezeichnung
Symbol
Werte
Einheit
Wavelength at peak emission
Wellenlänge d. emittierten Lichtes
(typ.)
λ
peak
591
nm
Dominant Wavelength
3) page 19
Dominantwellenlänge 3) Seite 19
(min.)
(typ.)
(max.)
λ
dom
λ
dom
λ
dom
580
587
595
nm
nm
nm
Spectral bandwidth at 50% I
rel max
Spektrale Bandbreite b. 50% I
rel max
(typ.)
∆λ
15
nm
Viewing angle at 50 % I
V
Abstrahlwinkel bei 50 % I
V
(typ.)
120
°
Forward voltage 4) page 19
Durchlassspannung
4) Seite 19
(min.)
(typ.)
(max.)
V
F
V
F
V
F
1.70
1.80
2.20
V
V
V
Reverse current
Sperrstrom
(V
R = 12 V)
(typ.)
(max.)
I
R
I
R
0.01
10
µA
µA
Temperature coefficient of λ
peak
Temperaturkoeffizient von λ
peak
(-10°C ≤ T ≤ 100°C)
(typ.)
TC
λpeak
0.12
nm/K
Temperature coefficient of λ
dom
Temperaturkoeffizient von λ
dom
(-10°C ≤ T ≤ 100°C)
(typ.)
TC
λdom
0.09
nm/K
Temperature coefficient of V
F
Temperaturkoeffizient von V
F
(-10°C ≤ T ≤ 100°C)
(typ.)
TC
V
-2.10
mV/K
Real thermal resistance junction / ambient
5) page 19 , 6) page 19
Realer Wärmewiderstand Sperrschicht /
Umgebung 5) Seite 19 , 6) Seite 19
(max.)
R
th JA real
530
K/W
Real thermal resistance junction / solder point
6) page 19
Realer Wärmewiderstand Sperrschicht / Lötpad
6) Seite 19
(max.)
R
th JS real
280
K/W




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl