Electronic Components Datasheet Search
Selected language     English  ▼


LYM676-Q2T1-26 Datasheet(PDF) 8 Page - OSRAM GmbH

Part No. LYM676-Q2T1-26
Description  white SMT package
Download  20 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  OSRAM [OSRAM GmbH]
Homepage  http://www.osram.com
Logo 

 8 page
background image
2014-10-31
8
Version 1.2
LY M676
Forward Current 7) page 19
Durchlassstrom 7) Seite 19
IF = f (VF); TS = 25 °C
Relative Luminous Intensity 7) page 19 , 8) page 19
Relative Lichtstärke 7) Seite 19 , 8) Seite 19
IV/IV(20 mA) = f(IF); TS = 25 °C
Relative Luminous Intensity 7) page 19
Relative Lichtstärke 7) Seite 19
IV/IV(25)°C = f(Tj); IF = 20 mA
OHL00232
10
-1
1.4
1.8
2.2
2.6
3 V 3.4
0
10
1
10
10
2
5
5
mA
5
1
F
V
F
I
I
OHL10233
F
V (20 mA)
I
I
V
0
10
1
10
10
2
mA
1
10
-2
10
100
10-1
super-red
yellow
orange/amber
T
OHL00238
0
V
I
-20
0
20
40
60
˚C 100
orange
j
0.4
0.8
1.2
1.6
2.0
I
V
(25 ˚C)
yellow
amber
super-red
super-red
amber
yellow
orange




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl