Electronic Components Datasheet Search
Selected language     English  â–Ľ


LYM676-Q2T1-26 Datasheet(PDF) 1 Page - OSRAM GmbH

Part No. LYM676-Q2T1-26
Description  white SMT package
Download  20 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  OSRAM [OSRAM GmbH]
Homepage  http://www.osram.com
Logo 

 
 1 page
background image
2014-10-31
1
2014-10-31
Mini TOPLED
Datasheet
Version 1.2
LY M676
Features:
Besondere Merkmale:
• Package: white SMT package, colorless clear
resin
•
Gehäusetyp: weißes SMT Gehäuse, farbloser
klarer Verguss
• Technology: InGaAlP
•
Technologie: InGaAlP
• Viewing angle at 50 % I
V: 120° (Lambertian
Emitter)
•
Abstrahlwinkel bei 50 % I
V: 120° (Lambertscher
Strahler)
• Color: yellow (587 nm)
•
Farbe: gelb (587 nm)
• Corrosion Robustness: Improved corrosion
robustness
•
Korrosionsstabilität: Verbesserte
Korrosionsstabilität
Applications
Anwendungen
• Optical Indicator
•
Optischer Indikator
• Coupling into Light Guides
•
Einkopplung in Lichtleiter
• Backlighting
•
Hinterleuchtung
• Automotive Interior Lighting
•
Automobilbeleuchtung innen




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl