Electronic Components Datasheet Search
Selected language     English  ▼


LYQ396-P1Q2-36 Datasheet(PDF) 1 Page - OSRAM GmbH

Part No. LYQ396-P1Q2-36
Description  SMT package 0603
Download  20 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  OSRAM [OSRAM GmbH]
Homepage  http://www.osram.com
Logo 

 
 1 page
background image
2015-06-12
1
2015-06-12
CHIPLED 0603
Datasheet
Version 1.1
LY Q396
Features:
Besondere Merkmale:
Package: SMT package 0603, colorless diffused
resin
Gehäusetyp: SMT Gehäuse 0603, farbloser
diffuser Verguss
Technology: InGaAlP
Technologie: InGaAlP
Viewing angle at 50 % IV: 150° (horizontal); 120°
(vertical)
Abstrahlwinkel bei 50 % IV: 150° (horizontal);
120° (vertical)
Color: yellow (589 nm)
Farbe: gelb (589 nm)
Applications
Anwendungen
Information Displays
Informationsanzeigen
Optical Indicator
Optischer Indikator
Pushbuttons and Switches
Schalter und Taster




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl