Electronic Components Datasheet Search
Selected language     English  ▼


LYQ396-P1Q2-36 Datasheet(PDF) 10 Page - OSRAM GmbH

Part No. LYQ396-P1Q2-36
Description  SMT package 0603
Download  20 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  OSRAM [OSRAM GmbH]
Homepage  http://www.osram.com
Logo 

 10 page
background image
2015-06-12
10
Version 1.1
LY Q396
Max. Permissible Forward Current
Max. zulässiger Durchlassstrom
IF = f (T)
Permissible Pulse Handling Capability
Zulässige Impulsbelastbarkeit IF = f(tp)
D: Duty cycle
Permissible Pulse Handling Capability
Zulässige Impulsbelastbarkeit IF = f(tp)
D: Duty cycle
LYQ396
0
20
40
60
80
T [°C]
0
2
4
6
8
10
12
14
16
18
20
22
IF [mA]
Do not use below 1 mA
: TA
: TS
10-5
10-4
10-3
0,01
0,1
1
10
Pulse time [s]
0,02
0,04
0,06
0,08
0,10
IF [A]
TS = 0°C... 76°C
LYQ396
: D= 1,0
: D= 0,5
: D= 0,2
: D= 0,1
: D= 0,05
: D= 0,02
: D= 0,01
: D= 0,005
10-5
10-4
10-3
0,01
0,1
1
10
Pulse time [s]
0,02
0,04
0,06
0,08
0,10
IF [A]
TS = 85°C
LYQ396
: D= 1,0
: D= 0,5
: D= 0,2
: D= 0,1
: D= 0,05
: D= 0,02
: D= 0,01
: D= 0,005




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl