Electronic Components Datasheet Search
Selected language     English  Ôľ╝


LYQ396-P1Q2-36 Datasheet(PDF) 4 Page - OSRAM GmbH

Part No. LYQ396-P1Q2-36
Description  SMT package 0603
Download  20 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  OSRAM [OSRAM GmbH]
Homepage  http://www.osram.com
Logo 

 
 4 page
background image
2015-06-12
4
Version 1.1
LY Q396
Characteristics (TA = 25 ┬░C; IF = 10 mA)
Kennwerte
Parameter
Symbol
Values
Unit
Bezeichnung
Symbol
Werte
Einheit
Dominant Wavelength 2) page 20
Dominantwellenl├Ąnge 2) Seite 20
(min.)
(typ.)
(max.)
╬╗
dom
╬╗
dom
╬╗dom
584
589
595
nm
nm
nm
Viewing angle at 50 % IV
Abstrahlwinkel bei 50 % IV
(typ.)
2¤Ľ
150 (horizontal)
120 (vertical)
┬░
Forward voltage 3) page 20
Durchlassspannung 3) Seite 20
(min.)
(max.)
VF
V
F
1.70
2.30
V
V
Real thermal resistance junction / ambient 4) page 20 ,
5) page 20
Realer W├Ąrmewiderstand Sperrschicht / Umgebung
4) Seite 20 , 5) Seite 20
(max.)
R
th JA real
630
K/W
Real thermal resistance junction / solder point
5) page 20
Realer W├Ąrmewiderstand Sperrschicht / L├Âtpad
5) Seite 20
(max.)
Rth JS real
375
K/W




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved┬ę Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl