Electronic Components Datasheet Search
Selected language     English  ▼


LYR976-PS-36 Datasheet(PDF) 1 Page - OSRAM GmbH

Part No. LYR976-PS-36
Description  SMT package 0805
Download  20 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  OSRAM [OSRAM GmbH]
Homepage  http://www.osram.com
Logo 

 
 1 page
background image
2012-11-06
1
2012-11-06
CHIPLED 0805
Datasheet
Version 1.0
LY R976
Features:
Besondere Merkmale:
• Package: SMT package 0805, colorless diffused
resin, 2 mm x 1.25 mm x 0.8 mm
• Gehäusetyp: SMT package 0805, farbloser
diffuser Verguss, 2 mm x 1.25 mm x 0.8 mm
• Technology: InGaAlP
• Technologie: InGaAlP
• Viewing angle at 50 % IV: 160°
• Abstrahlwinkel bei 50 % IV: 160°
• Color: yellow (588 nm)
• Farbe: gelb (588 nm)
• Optical efficiency (typ.): 11 lm/W (yellow)
• Optischer Wirkungsgrad (typ.): 11 lm/W (gelb)
• ESD - withstand voltage: up to 2 kV acc. to
JESD22-A114-F
• ESD - Festigkeit: ESD-sicher bis 2 kV nach
JESD22-A114-F
Applications
Anwendungen
• Optical Indicator
• Optischer Indikator
• LCD Backlighting
• LCD Beleuchtung
• Pushbuttons and Switches
• Schalter und Taster
• Toys
• Spielsachen
• Coupling into light guides
• Einkopplung in Lichtleiter




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl