Electronic Components Datasheet Search
Selected language     English  â–Ľ


LYW5SM-HZJZ-46-1 Datasheet(PDF) 1 Page - OSRAM GmbH

Part No. LYW5SM-HZJZ-46-1
Description  white SMD package
Download  22 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  OSRAM [OSRAM GmbH]
Homepage  http://www.osram.com
Logo 

 
 1 page
background image
2015-02-18
1
2015-02-18
Golden DRAGON
Datasheet
Version 1.1
LY W5SM
Features:
Besondere Merkmale:
• Package: white SMD package, colorless clear
silicone resin
•
Gehäusetyp: weißes SMD Gehäuse, farbloser
klarer Silikon - Verguss
• Technology: InGaAlP Thinfilm
•
Technologie: InGaAlP Thinfilm
• Viewing angle at 50 % I
V: 120° (Lambertian
Emitter)
•
Abstrahlwinkel bei 50 % I
V: 120° (Lambertscher
Strahler)
• Color: yellow (590 nm)
•
Farbe: gelb (590 nm)
• Optical efficiency (typ.): 68 lm/W (yellow)
•
Optischer Wirkungsgrad (typ.): 68 lm/W (gelb)
• ESD - withstand voltage: 8 kV acc. to
ANSI/ESDA/JEDEC JS-001 (HBM, Class 3B)
•
ESD - Festigkeit: 8 kV nach ANSI/ESDA/JEDEC
JS-001 (HBM, Klasse 3B)
• Corrosion Robustness: Improved corrosion
robustness
•
Korrosionsstabilität: Verbesserte
Korrosionsstabilität
Applications
Anwendungen
• Signaling
•
Signalanlagen
• Backlighting
•
Hinterleuchtung
• Decorative Lighting
•
Dekorative Beleuchtung
• Automotive Lighting Interior and Exterior
•
Automobilbeleuchtung innen und auĂźen
• Architectural Lighting indoor and outdoor
•
Architekturbeleuchtung innen und auĂźen
• LCD Backlighting
•
LCD Beleuchtung




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl