Electronic Components Datasheet Search
Selected language     English  ▼


KYL-200I Datasheet(PDF) 1 Page - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD.

Part No. KYL-200I
Description  Wireless Data Transceiver
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  KYL [SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD.]
Homepage  http://www.rf-data.com
Logo 

   
 1 page
background image
Shenzhen KYL Communication Equipment Co., Ltd
Tel: 86-755-86643962
sales02@rf-data.com
www.rf-data.com
KYL-200I Wireless Data Transceiver
Characteristics:
 All components in signal side. Stamp hole
design.Can use like a SMT unit.
 Small size: 42mm*27.5mm*5mm
 Transparent serial transmission. No
program needed.
 Low power consumption: sleeping current
is less than 10uA
 Working temperature: -40℃ ~
+80℃(industry)
 Various frequency bands for choosing (433MHz, 868MHz or 915MHz)
 With RSSI function, convenient for adjusting and networking
 Whole shielding design, built in kinds of filters, high anti-interference ability.
 27-30dBm power output can keep high performance,low noise, long transmission
distance and good diffraction ability.
Application areas:
 Wireless PDA
 Various of hand-held instruments
 Medical pagers, alarm device
 Industrial remote controller,
industrial scanner
 Wireless dish-ordering terminal
Parameter:
 Power supply DC:
3.3V-8.4V(Customize)
 Power output: ≤500mW、1W
 Receiving current:<20mA
Receiving
sensibility:-118dBm(9600bps)
 Transmitting current: <300mA;
 Sleeping current: <10uA;
 Transmission distance: >1000m
 Dimension:42mm*27.5mm*5mm
(antenna connector not included)
Interface:
Pin name
Function description
I/O
level
remarks
1
GND
Power ground
-
2
VCC
Power supply DC
-
5 V
3
RXD/TTL
Data receiving(TTL level)
I
TTL
4
TXD/TTL
Data transmitting(TTL level)
O
TTL
5
sleep
Sleep control(low level valid)
I
TTL
Low level valid




Html Pages

1 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl