Electronic Components Datasheet Search
Selected language     English  ▼


KYL-600M Datasheet(PDF) 2 Page - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD.

Part No. KYL-600M
Description  Wireless Data/AudioModule
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  KYL [SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD.]
Homepage  http://www.rf-data.com
Logo 

   
 2 page
background image
Shenzhen
Shenzhen
Shenzhen
Shenzhen KYL
KYL
KYL
KYL Communication
Communication
Communication
Communication Equipment
Equipment
Equipment
Equipment Co.,
Co.,
Co.,
Co., Ltd
Ltd
Ltd
Ltd
Web : www.rf-data.com
sales01@rf-data.com
sales02@rf-data.com
* Inter-modulation rejection: ≥65dB
* Clutter and images rejection: ≥70dB
* Receiving current: 50mA
* Audio Output power: 0.5W(8Ω,10% distortion)
* Receiving distortion: ≤3%
3.
3.
3.
3.
Transmitter:
Transmitter:
Transmitter:
Transmitter:
* RF power: 2W
* Transmitting current: 300mA
* Audio distortion: ≤3%
* Frequency deviation: ±5.0kHz
* Adjacent channel power: ≥70dB
* Transmitter start up time: ≤50m
* Surplus Frequency Modulation: ≤-40dB
* Modulation distortion: ≤3%
* Modulation sensibility: 5mV
* Transmission distance: 5-7Km (to use a high gain antenna>5.5dBi)
4.
4.
4.
4. Features
Features
Features
Features of
of
of
of KYL-600M:
KYL-600M:
KYL-600M:
KYL-600M:
1) Design for the special use of wireless voice transmission in industrial automation
2) High stability, good reliability and low power consumption
3) Standard Uart port available : RS-232/RS-485/TTL
4) Easy to install, flexible networking configuration, also suitable for multiple-point to point
communication in decentralization and complex geography environment.
5)
Metal shell, good shielding performance, flexible frequency band available.
6) Provide programming software or AT command for parameter configuration.
7) If needed, we may do some development based on existing product.
5.
5.
5.
5. Size
Size
Size
Size
Product dimension: 70x46x12mm
Antenna connection: TNC (SMA) -50Ω
Interface definition:
Pin
No.
Signal
name
Function
Level
Remarks
1
VCC
Power input
5V
5V D.C. Power supply
2
3
GND
Ground of the power
4
5
A(TXD)
RS-485 A or TXD of RS-232
choose RS232 or
RS485,only one valid
6
B(RXD)
RS-485 B or RXD of RS-232
7
PTT
Transmitting control
TTL
Low level valid
8
MIC
Audio input control
Microphone with




Html Pages

1  2  3  4 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl