Electronic Components Datasheet Search
Selected language     English  ▼


KYL-600M Datasheet(PDF) 3 Page - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD.

Part No. KYL-600M
Description  Wireless Data/AudioModule
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  KYL [SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD.]
Homepage  http://www.rf-data.com
Logo 

   
 3 page
background image
Shenzhen
Shenzhen
Shenzhen
Shenzhen KYL
KYL
KYL
KYL Communication
Communication
Communication
Communication Equipment
Equipment
Equipment
Equipment Co.,
Co.,
Co.,
Co., Ltd
Ltd
Ltd
Ltd
Web : www.rf-data.com
sales01@rf-data.com
sales02@rf-data.com
1kΩ-2kΩ and -27dB is
recommended
9
SP
Output audio
0.5
10
SQ
receiving
TTL
High level
6.
6.
6.
6. Applications:
Applications:
Applications:
Applications:
*
Wireless pagers
*
APRS , SCADA
*
Industrial automatic control and remote control
*
Environment monitoring systems
*
AMR (Automatic Meter Reading )
*
Wireless data transmission, automatic data collection system;
*
Sports training & competition;
*
Wireless POS, PDA wireless smart terminal;
*
Electronic bus station and intelligent traffic;
*
RF transmitter Wireless electronic display screen;
*
Data communication used for railway, oil field, dock and army.
*
LED display in thruway and public places
*
Point to multi-point wireless network, wireless on-the-spot bus and automatic data
collection system;
7.
7.
7.
7. The
The
The
The installing
installing
installing
installing schematic
schematic
schematic
schematic
8.
8.
8.
8. Notice
Notice
Notice
Notice
1) The antenna should be away from the power supply if using switch power, because the
transmitting of the antenna may affect switch power. When wrong transmission happen, please
check whether the antenna interfered power voltage.
2) Use min.grain wave and high anti-jam switch power or batteries to supply power




Html Pages

1  2  3  4 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl