Electronic Components Datasheet Search
Selected language     English  ā–¼


KYL-600M Datasheet(PDF) 4 Page - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD.

Part No. KYL-600M
Description  Wireless Data/AudioModule
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  KYL [SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD.]
Homepage  http://www.rf-data.com
Logo 

   
 4 page
background image
Shenzhen
Shenzhen
Shenzhen
Shenzhen KYL
KYL
KYL
KYL Communication
Communication
Communication
Communication Equipment
Equipment
Equipment
Equipment Co.,
Co.,
Co.,
Co., Ltd
Ltd
Ltd
Ltd
Web : www.rf-data.com
sales01@rf-data.com
sales02@rf-data.com
3) The power capacity must meet D.C. 5V, more than 3A output current.
4) The space between the experiments Radio should be more than 5m. The antenna should
amount high to increase electric wave's idstance.
5) After connecting the antenna to the Radio, the space between Radios should be more than
10m to avoid signal backup.
6) The antenna plywood should nip in the connection inside the antenna, not nip the
antenna's projectile to maintain good result.
9.
9.
9.
9. Standard
Standard
Standard
Standard configuration
configuration
configuration
configuration and
and
and
and Antenna
Antenna
Antenna
Antenna configuration
configuration
configuration
configuration
1)
1)
1)
1):::: Standard
Standard
Standard
Standard configuration:
configuration:
configuration:
configuration:
*
*
*
* One KYL-600M RF module
*
*
*
* A 10 pin flat cable
*
*
*
*A free whip antenna (to reach good communication, you'd better use a high gain
antenna---5.5dBi gain antenna is recommended)
5.5db Big magnet antennas
5.5db clip antennas
Pls contact our sales for more details . thanks .




Html Pages

1  2  3  4 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights ReservedĀ© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl