Electronic Components Datasheet Search
Selected language     English  ▼


KYL-600M Datasheet(PDF) 1 Page - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD.

Part No. KYL-600M
Description  Wireless Data/AudioModule
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  KYL [SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD.]
Homepage  http://www.rf-data.com
Logo 

   
 1 page
background image
Shenzhen
Shenzhen
Shenzhen
Shenzhen KYL
KYL
KYL
KYL Communication
Communication
Communication
Communication Equipment
Equipment
Equipment
Equipment Co.,
Co.,
Co.,
Co., Ltd
Ltd
Ltd
Ltd
Web : www.rf-data.com
sales01@rf-data.com
sales02@rf-data.com
KYL-600M
KYL-600M
KYL-600M
KYL-600M Wireless
Wireless
Wireless
Wireless Data/Audio
Data/Audio
Data/Audio
Data/Audio Module
Module
Module
Module
KYL-600M Audio module, with advanced arithmetic fault-rectify system in software design,
adopting double VCO structure and high stability TXCO, it has good stability and reliability. This
module is usually used for industry control, water conservancy, electric, oil field management,
wireless alarm so on. It can custermise to VHF or UHF frequency band. Moreover, we can extend
its functions and ODM products for you according to your specific application.
I
.... Specifications:
Specifications:
Specifications:
Specifications:
* Operating Voltage: DC 5V
* Carrier Frequency: (VHF,UHF)144MHz/150MHz/ 230MHz /450Mhz etc
* Interface: standard RS-232/RS-485/TTL Selectable
* Baud Rate: 1200/2400 Selectable
* Channel spacing: 25kHz/12.5KHz
* Frequency stability: ±2.5ppm
*
Modulation: MSK;
* Impedance: 50Ω
* Transfer distance:5km(BER=10-3@2400bps);
*
7km(BER=10-3@1200bps);
* Temperature: -30℃~+70℃
* Size: 70x46x12mm(without antenna port)
* Weight:180g
2.
2.
2.
2.
Receiver:
Receiver:
Receiver:
Receiver:
* Receiving sensibility: ≤0.25μV (12dB SINAD)
* Signal-to-Noise: ≤-40dB
* Adjacent channel selectivity: ≥70dB




Html Pages

1  2  3  4 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl