Electronic Components Datasheet Search
Selected language     English  ▼


KYL-668H Datasheet(PDF) 2 Page - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD.

Part No. KYL-668H
Description  25W Radio Modem
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  KYL [SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD.]
Homepage  http://www.rf-data.com
Logo 

   
 2 page
background image
Shen
Shen
Shen
Shenz
z
z
zhen
hen
hen
hen KYL
KYL
KYL
KYL Communication
Communication
Communication
Communication Equipment
Equipment
Equipment
Equipment Co
Co
Co
Co.
.
.
.,
,
,
, Ltd
Ltd
Ltd
Ltd
Tel
Tel
Tel
Tel:::: +86
+86
+86
+86----755
755
755
755-8
-8
-8
-82943662
2943662
2943662
2943662
sales02@rf-data.com
sales02@rf-data.com
sales02@rf-data.com
sales02@rf-data.com
www.rf-data.com
www.rf-data.com
www.rf-data.com
www.rf-data.com
● frequency tolerance:±2.5ppm
● Channel spacing:25KHz
● antenna impedance:50Ω
● environment temperature:-35 ℃~+75 ℃
● modulate mode:MSK
● air baud rate:1200bps/2400bps
B、Receiver Index
● sensitivity: ≤0.25uV
● ignal Noise Ratio(SNR): ≤-50dB
● Adjacent Channel Selectivity: ≥70dB
● Inter modulation interference: ≥70dB
● Spurious respouse immunity: ≥70dB
C、Transmitter Index
● Transmit Power: 25W
● modulate distortion: ≤3%
● residual frequency modulation: ≤-48dB
● frequency deviation: ≤5KHz
● ortho-channel power ratio: ≤-70dB
● stray power: ≤5uW
● RF distance: 20km(25W RF power in the open air)
D、Power supply
● DC: 1 2 V (±10%)
● waiting current: ≤ 1 6 0 m A
● transmitting current: ≤ 6 A ( transmit power 25W )
E、Dimension:
128*108*28mm
III
III
III
III
.... Pin
Pin
Pin
Pin Definition
Definition
Definition
Definition




Html Pages

1  2  3  4 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl