Electronic Components Datasheet Search
Selected language     English  ▼


KYL-668H Datasheet(PDF) 3 Page - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD.

Part No. KYL-668H
Description  25W Radio Modem
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  KYL [SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD.]
Homepage  http://www.rf-data.com
Logo 

   
 3 page
background image
Shen
Shen
Shen
Shenz
z
z
zhen
hen
hen
hen KYL
KYL
KYL
KYL Communication
Communication
Communication
Communication Equipment
Equipment
Equipment
Equipment Co
Co
Co
Co.
.
.
.,
,
,
, Ltd
Ltd
Ltd
Ltd
Tel
Tel
Tel
Tel:::: +86
+86
+86
+86----755
755
755
755-8
-8
-8
-82943662
2943662
2943662
2943662
sales02@rf-data.com
sales02@rf-data.com
sales02@rf-data.com
sales02@rf-data.com
www.rf-data.com
www.rf-data.com
www.rf-data.com
www.rf-data.com
Connector
Pin No.
Pin name
Description
Remarks
Power
connection
VCC
DC:12V (±10%)
Please use power D.C.
12V, more than 8A
GND
Ground of power supply
Signal
connection
NC
RXD(A)
Rxd of RS-232
Rxd of TTL
RS-485 A
RS-232,RS-485,TTL,
only one valid
TXD(B)
TxD of RS-232
TxD of TTL
RS-485 B
RS-232,RS-485,TTL,
only one valid
NC
GND
Signal ground
PTT
Audio transmitting
enable
Low level is for
transmitting
MIC
Audio signal input
Microphone input,
modulation sensitivity
10mV
SP
Audio signal output
Audio amplifier output
8
ohm 0.5W
SQ
Receiving signal
checking
Receiving carrier
signal, high level
IV
IV
IV
IV
:::: Application
Application
Application
Application of
of
of
of KYL-668H
KYL-668H
KYL-668H
KYL-668H
1
2
1
5




Html Pages

1  2  3  4 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl