Electronic Components Datasheet Search
Selected language     English  ▼


KYL-668H Datasheet(PDF) 4 Page - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD.

Part No. KYL-668H
Description  25W Radio Modem
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  KYL [SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD.]
Homepage  http://www.rf-data.com
Logo 

   
 4 page
background image
Shen
Shen
Shen
Shenz
z
z
zhen
hen
hen
hen KYL
KYL
KYL
KYL Communication
Communication
Communication
Communication Equipment
Equipment
Equipment
Equipment Co
Co
Co
Co.
.
.
.,
,
,
, Ltd
Ltd
Ltd
Ltd
Tel
Tel
Tel
Tel:::: +86
+86
+86
+86----755
755
755
755-8
-8
-8
-82943662
2943662
2943662
2943662
sales02@rf-data.com
sales02@rf-data.com
sales02@rf-data.com
sales02@rf-data.com
www.rf-data.com
www.rf-data.com
www.rf-data.com
www.rf-data.com
Marine filed, public traffic, interphone system of taxi, industrial
automatic control, electric power schedule, water conservancy
monitor, signal collection and transmission of railway system, oil
extraction and transportation control, measure of oil or water wells,
hydrological monitor, weather information transmission, environment
monitor, container management, goods management in supermarket,
forest protection, intelligent building, wireless beaconing, geological
reconnoiter, mobile location, military training, public security, medical
ward, remote control, detecting, and others automatic control fields.
Notes:
Notes:
Notes:
Notes:
1. About the power supply.
This radio's power output is high to 25W. 12V power D.C., at least 8A
is recommended to use. Please choose power D.C. With good
fluctuation coefficient and anti-interference ability. If you use switch
power supply, please keep the antenna far away from it to avoid
antenna's inference.
2.
About the antenna.
Please choose antenna compatible with your radio's frequency bank.
For long distance communication, directional and high gain antenna
would help to reach better effects. And also, please try to mount
antenna at higher place.
Antenna's and its cable's impedance should be accordance with
radio's (50Ω). If not, whole unit's performance will be affected and it
may damage the radio, too.
3. About antenna cable
Choose cable with 50 Ω impedance and low decay material. Make
sure it can be connected with radio and antenna successfully. Please
also consider waterproof and lightning arrester.
4. Heat emission
If the radio needs to transmit for long time, please pay attention to
transfer heat in time.




Html Pages

1  2  3  4 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl