Electronic Components Datasheet Search
Selected language     English  â–¼


KYL-668H Datasheet(PDF) 1 Page - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD.

Part No. KYL-668H
Description  25W Radio Modem
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  KYL [SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD.]
Homepage  http://www.rf-data.com
Logo 

   
 1 page
background image
Shen
Shen
Shen
Shenz
z
z
zhen
hen
hen
hen KYL
KYL
KYL
KYL Communication
Communication
Communication
Communication Equipment
Equipment
Equipment
Equipment Co
Co
Co
Co.
.
.
.,
,
,
, Ltd
Ltd
Ltd
Ltd
Tel
Tel
Tel
Tel:::: +86
+86
+86
+86----755
755
755
755-8
-8
-8
-82943662
2943662
2943662
2943662
sales02@rf-data.com
sales02@rf-data.com
sales02@rf-data.com
sales02@rf-data.com
www.rf-data.com
www.rf-data.com
www.rf-data.com
www.rf-data.com
KYL-668H
KYL-668H
KYL-668H
KYL-668H 25W
25W
25W
25W Radio
Radio
Radio
Radio Modem
Modem
Modem
Modem
User
User
User
User Manual
Manual
Manual
Manual
KYL-668H Radio modem is a professional high performance data
transmission radio combining with good DSP technology and wireless
communication technology. This radio supports multiple frequency
band, VHF and UHF. With 25W power output, it has long transmission
distance which reaches about more than 20km in open air.
I:
I:
I:
I: Features:
Features:
Features:
Features:
1. High power output: 25W
2. Long transmission distance: More than 20km
3. VHF, UHF band selectable
4. Data transmission, voice transmission both ok
5. Double PLL, double VCO, High reliability
II
II
II
II
.... Data
Data
Data
Data sheet
sheet
sheet
sheet
A、General Index
● frequency:150MHz/230MHz/450 MHz frequency band, can store
about 400 channels




Html Pages

1  2  3  4 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl