Electronic Components Datasheet Search
Selected language     English  ▼


KYL-815 Datasheet(PDF) 2 Page - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD.

Part No. KYL-815
Description  4-way wireless ON-OFFModule
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  KYL [SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD.]
Homepage  http://www.rf-data.com
Logo 

   
 2 page
background image
Shenzhen
Shenzhen
Shenzhen
Shenzhen KYL
KYL
KYL
KYL Communication
Communication
Communication
Communication Equipment
Equipment
Equipment
Equipment Co
Co
Co
Co.,
.,
.,
., Ltd
Ltd
Ltd
Ltd
Tel:
Tel:
Tel:
Tel: +86-755-
+86-755-
+86-755-
+86-755-83410706
83410706
83410706
83410706
Email:
Email:
Email:
Email: sales0
sales0
sales0
sales01
1
1
1@rf-data.com
@rf-data.com
@rf-data.com
@rf-data.com
Web:
Web:
Web:
Web: www.rf-data.com
www.rf-data.com
www.rf-data.com
www.rf-data.com
2km-3km; the working frequency 433MHz (400-470MHz); RF power: 1000mW;
4. Receiving sensitivity: -120dBm
5. Receiving current: 60mA; transmitting current: 350mA
6. Power supply: DC 12V-30V
7. Dimension: 95mm*90mm*40mm
III
III
III
III.... Dip
Dip
Dip
Dip Switch
Switch
Switch
Switch Instruction
Instruction
Instruction
Instruction
Pic 1. DIP Switch
DIP8
DIP8
DIP8
DIP8:Working
Working
Working
Working method
method
method
method
ON—input changes trigger transmission. Once you change any of the 4-way's
condition, the module will send out this info.
OFF---fixed time transmitting. The master transmits 4-way's condition to the
slave every 1s or 2s (not real-time transmitting).
DIP7
DIP7
DIP7
DIP7:Master
Master
Master
Master and
and
and
and slave
slave
slave
slave choosing
choosing
choosing
choosing under
under
under
under the
the
the
the fixed
fixed
fixed
fixed time
time
time
time transmitting
transmitting
transmitting
transmitting
mode
mode
mode
mode
ON—slave,OFF—master
DIP6
DIP6
DIP6
DIP6:Data
Data
Data
Data collecting
collecting
collecting
collecting mode
mode
mode
mode choosing
choosing
choosing
choosing
ON---
ON---
ON---
ON---Point to point transmission mode
OFF---
OFF---
OFF---
OFF---Data collection mode
The master collects input condition or controls output condition via sending data. In
data collecting mode, the module can't send out data actively. That is to say touch off
transmitting and fix time transmitting are both invalid at this mode.
DIP5
DIP5
DIP5
DIP5:Feedback
Feedback
Feedback
Feedback choice
choice
choice
choice
ON--
ON--
ON--
ON--feedback function close
OFF--
OFF--
OFF--
OFF--receiver will send back the received data to transmitter
DIP1-4
DIP1-4
DIP1-4
DIP1-4:Channel
Channel
Channel
Channel choosing
choosing
choosing
choosing
To avoid interference, please use different DIP switch mode and choose different
channels when you use several pairs of modules in the same place , Maximal 16
channels.




Html Pages

1  2  3  4  5 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl