Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KYL-815 Datasheet(PDF) 4 Page - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD.

Part # KYL-815
Description  4-way wireless ON-OFFModule
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KYL [SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD.]
Direct Link  http://www.rf-data.com
Logo KYL - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD.

KYL-815 Datasheet(HTML) 4 Page - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD.

  KYL-815 Datasheet HTML 1Page - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD. KYL-815 Datasheet HTML 2Page - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD. KYL-815 Datasheet HTML 3Page - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD. KYL-815 Datasheet HTML 4Page - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD. KYL-815 Datasheet HTML 5Page - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Shenzhen
Shenzhen
Shenzhen
Shenzhen KYL
KYL
KYL
KYL Communication
Communication
Communication
Communication Equipment
Equipment
Equipment
Equipment Co
Co
Co
Co.,
.,
.,
., Ltd
Ltd
Ltd
Ltd
Tel:
Tel:
Tel:
Tel: +86-755-
+86-755-
+86-755-
+86-755-83410706
83410706
83410706
83410706
Email:
Email:
Email:
Email: sales0
sales0
sales0
sales01
1
1
1@rf-data.com
@rf-data.com
@rf-data.com
@rf-data.com
Web:
Web:
Web:
Web: www.rf-data.com
www.rf-data.com
www.rf-data.com
www.rf-data.com
Pic 3: Switch output wiring terminal schematic
V
V
V
V.... Pin
Pin
Pin
Pin Definition:
Definition:
Definition:
Definition:
Port name
Pin No.
Definition
remarks
COM1
1
GND
GND
2
VCC
DC:12-30V
3
-
No conection
4
-
No connection
5
-
No connection
6
OUT1
1st way relay day contact output
7
8
OUT2
2nd way relay day contact output
9
10
OUT3
3rd way relay day contact output
11
12
OUT4
4th way relay day contact output
COM2
1
IN1
1st ON-OFF input
2
GND
3
IN2
2ns ON-OFF input
4
GND
5
IN3
3rd ON-OFF input
6
GND
7
IN4
4th ON-OFF input
8
GND
VI
VI
VI
VI.... How
How
How
How to
to
to
to use
use
use
use KYL-815
KYL-815
KYL-815
KYL-815
1. Consider your specific application, set the DIP switch, connect VCC (12V-30V
DC) and connect input and output cables as per the above instruction.
2. Power supply for the module.


Similar Part No. - KYL-815

ManufacturerPart #DatasheetDescription
logo
SHENZHEN KYL COMMUNICAT...
KYL-812 KYL-KYL-812 Datasheet
303Kb / 6P
   KYL-812 wireless ON-OFF input and output module user manual
KYL-812 KYL-KYL-812 Datasheet
70Kb / 5P
   wireless ON-OFF input and output module
KYL-812-12 KYL-KYL-812-12 Datasheet
303Kb / 6P
   KYL-812 wireless ON-OFF input and output module user manual
KYL-812-192 KYL-KYL-812-192 Datasheet
303Kb / 6P
   KYL-812 wireless ON-OFF input and output module user manual
KYL-812-24 KYL-KYL-812-24 Datasheet
303Kb / 6P
   KYL-812 wireless ON-OFF input and output module user manual
More results

Similar Description - KYL-815

ManufacturerPart #DatasheetDescription
logo
SHENZHEN KYL COMMUNICAT...
KYL-818 KYL-KYL-818 Datasheet
537Kb / 5P
   8-way wireless ON-OFFModule
logo
List of Unclassifed Man...
AC4490 ETC2-AC4490 Datasheet
189Kb / 2P
   The fastest way to wireless
AC4868-250M ETC2-AC4868-250M Datasheet
190Kb / 2P
   THE FASTEST WAY TO WIRELESS
WS-DIAL ETC2-WS-DIAL Datasheet
479Kb / 11P
   Wireless Two-Way Voice Transmission
logo
Amphenol Corporation
AT04-4P AMPHENOL-AT04-4P Datasheet
562Kb / 1P
   Recpt, 4 Way
logo
Innovative Power Produc...
IPP-1135 IPP-IPP-1135 Datasheet
63Kb / 1P
   OUTLINE 4 WAY
IPP-1199 IPP-IPP-1199 Datasheet
70Kb / 1P
   OUTLINE 4-WAY
IPP-1177 IPP-IPP-1177 Datasheet
65Kb / 1P
   OUTLINE 4-WAY
IPP-1136 IPP-IPP-1136 Datasheet
68Kb / 1P
   OUTLINE 4 WAY
IPP-1013 IPP-IPP-1013 Datasheet
65Kb / 1P
   OUTLINE 4 WAY
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com