Electronic Components Datasheet Search
Selected language     English  ā–¼


KYL-815 Datasheet(PDF) 5 Page - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD.

Part No. KYL-815
Description  4-way wireless ON-OFFModule
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  KYL [SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD.]
Homepage  http://www.rf-data.com
Logo 

   
 5 page
background image
Shenzhen
Shenzhen
Shenzhen
Shenzhen KYL
KYL
KYL
KYL Communication
Communication
Communication
Communication Equipment
Equipment
Equipment
Equipment Co
Co
Co
Co.,
.,
.,
., Ltd
Ltd
Ltd
Ltd
Tel:
Tel:
Tel:
Tel: +86-755-
+86-755-
+86-755-
+86-755-83410706
83410706
83410706
83410706
Email:
Email:
Email:
Email: sales0
sales0
sales0
sales01
1
1
1@rf-data.com
@rf-data.com
@rf-data.com
@rf-data.com
Web:
Web:
Web:
Web: www.rf-data.com
www.rf-data.com
www.rf-data.com
www.rf-data.com
3. The factory setting is input changes trigger transmission mode and current
channel is No.1.
4. Choose different frequency points to avoid interference caused by more pairs of
modules working in the same area.
VII
VII
VII
VII.... About
About
About
About the
the
the
the LED
LED
LED
LED Indicator:
Indicator:
Indicator:
Indicator:
1. The power LED--It is always ON if modem is power supplied.
2. The data LED--It blinks once modem transmits or receives data
3. The working LED--It blinks every 1s, this indicates modem is working normally
4. The output LED--It's on indicates the corresponding output condition is connect.
It's off indicates the corresponding output condition is disconnect.
VIII
VIII
VIII
VIII.... Working
Working
Working
Working M
M
M
Mode
ode
ode
ode Instruction
Instruction
Instruction
Instruction
1. Touch off transmitting mode
Once there is any input change happens, the module will send it out. This mode
has the advantage of high speed, real-time transmission, and low power
consumption. Because module only transmits if there is input changes.
2. Fixed time transmitting mode
Under this mode, there should be one master and one slave module. The master
will synchronize with the slave every 1s, means the master will transmits its
condition to slave every 1S and the slave will transmits its condition to master
every 1S. If the master cannot synchronize with slave, the buzzer inside of module
will alarm. And all contacts will disconnect at the same time. This alarm will stop
automatically until the master is synchronize with slave again.
There will be at most 1s ON-OFF delay under this mode.




Html Pages

1  2  3  4  5 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights ReservedĀ© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl