Electronic Components Datasheet Search
Selected language     English  ā–¼


KYL-815 Datasheet(PDF) 1 Page - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD.

Part No. KYL-815
Description  4-way wireless ON-OFFModule
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  KYL [SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD.]
Homepage  http://www.rf-data.com
Logo 

   
 1 page
background image
Shenzhen
Shenzhen
Shenzhen
Shenzhen KYL
KYL
KYL
KYL Communication
Communication
Communication
Communication Equipment
Equipment
Equipment
Equipment Co
Co
Co
Co.,
.,
.,
., Ltd
Ltd
Ltd
Ltd
Tel:
Tel:
Tel:
Tel: +86-755-
+86-755-
+86-755-
+86-755-83410706
83410706
83410706
83410706
Email:
Email:
Email:
Email: sales0
sales0
sales0
sales01
1
1
1@rf-data.com
@rf-data.com
@rf-data.com
@rf-data.com
Web:
Web:
Web:
Web: www.rf-data.com
www.rf-data.com
www.rf-data.com
www.rf-data.com
KYL-815
KYL-815
KYL-815
KYL-815 4-way
4-way
4-way
4-way wireless
wireless
wireless
wireless ON-OFF
ON-OFF
ON-OFF
ON-OFF Module
Module
Module
Module
IIII.... Introduction
Introduction
Introduction
Introduction
This 4-way ON-OFF module is to transmit the ON-OFF condition to a remote place
wirelessly in time. When here the switch condition is ON, the output in the remote
place is ON. When the local switch condition is OFF, the other terminal is OFF.
KYL-815
KYL-815
II
II
II
II.... Features
Features
Features
Features of
of
of
of KYL-815
KYL-815
KYL-815
KYL-815
1. 4-way isolated input, high reliability and stability.
2. 4-way relay dry contact output, contact current is 220V, 5A.
3. Collocated with a wireless data module inside whose transmitting distance is about




Html Pages

1  2  3  4  5 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights ReservedĀ© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl