Electronic Components Datasheet Search
Selected language     English  ▼


KYL-818 Datasheet(PDF) 2 Page - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD.

Part No. KYL-818
Description  8-way wireless ON-OFFModule
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  KYL [SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD.]
Homepage  http://www.rf-data.com
Logo 

   
 2 page
background image
Shen
Shen
Shen
Shenz
z
z
zhen
hen
hen
hen KYL
KYL
KYL
KYL Communication
Communication
Communication
Communication Equipment
Equipment
Equipment
Equipment Co
Co
Co
Co.
.
.
.,
,
,
, Ltd
Ltd
Ltd
Ltd
www.rf-data.com
sales02@rf-data.com
sales01@rf-data.com
II
II
II
II.... Features
Features
Features
Features of
of
of
of KYL-818
KYL-818
KYL-818
KYL-818
1、
8-way isolated input, high reliability and stability.
2、
8-way relay dry contact output, contact current is 220V, 5A.
3、
Collocated with a wireless data module inside whose transmitting distance
is about 2km-3km; the working frequency 433MHz (400-470MHz); RF
power: 1000mW; Receiving sensitivity: -123dBm
4、
Receiving current: 60mA; transmitting current: 350mA
5、
Power supply: DC 12V-30V
6、
Dimension: 145mm*90mm*40mm
III
III
III
III.... Dip
Dip
Dip
Dip switch
switch
switch
switch instruction
instruction
instruction
instruction
Pic 1. DIP Switch
DIP8
DIP8
DIP8
DIP8:working
working
working
working method
method
method
method
ON—touch off transmitting. Once you change any of the 8 channels condition,
the module will send out this info .
OFF---fixed time transmitting. The master transmits 8 channels' condition to the
slave every 1s or 2s (not real-time transmitting).
DIP7
DIP7
DIP7
DIP7:master
master
master
master and
and
and
and slave
slave
slave
slave choosing
choosing
choosing
choosing under
under
under
under the
the
the
the fixed
fixed
fixed
fixed time
time
time
time transmitting
transmitting
transmitting
transmitting mode
mode
mode
mode
ON—slave,OFF—host
DIP6
DIP6
DIP6
DIP6:data
data
data
data collecting
collecting
collecting
collecting mode
mode
mode
mode
The master collects input condition or controls output condition via sending data. In
data collecting mode, the module can't send out data actively. That is to say touch off




Html Pages

1  2  3  4  5 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl