Electronic Components Datasheet Search
Selected language     English  ▼


KYL-O301 Datasheet(PDF) 1 Page - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD.

Part No. KYL-O301
Description  Wireless RelayModule
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  KYL [SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD.]
Homepage  http://www.rf-data.com
Logo 

   
 1 page
background image
Shen
Shen
Shen
Shenz
z
z
zhen
hen
hen
hen KYL
KYL
KYL
KYL Communication
Communication
Communication
Communication Equipment
Equipment
Equipment
Equipment Co
Co
Co
Co.
.
.
.,
,
,
, Ltd
Ltd
Ltd
Ltd
www.rf-data.com
sales@rf-data.com
Fax: 86-755-83408785
KYL-O301
KYL-O301
KYL-O301
KYL-O301 Wireless
Wireless
Wireless
Wireless Relay
Relay
Relay
Relay Module
Module
Module
Module
Technical
Technical
Technical
Technical Parameter:
Parameter:
Parameter:
Parameter:
Working voltage: DC12V
Working frequency: 315MHZ、433.92MHZ (optional for other frequency)
Standby current: 10mA
working current: 37mA
Receving sensitivity: -103dBm
Working mode: T4
Encode mode: bonding pad encode (fixed code)
Modulation mode: AM (OOK)
Working temp: -10℃~+70℃
Dimmension: 75mm*55mm*23mm
Diagram
Diagram
Diagram
Diagram of
of
of
of Pin
Pin
Pin
Pin::::
Pin
Name
Function
1
VCC
positive
2
GND
negative
3
NO
relay always-on terminal
4
COM
relay public terminal
5
NC
relay always-off terminal




Html Pages

1 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl