Electronic Components Datasheet Search
Selected language     English  ▼


KYL-O302 Datasheet(PDF) 1 Page - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD.

Part No. KYL-O302
Description  4-way ASK RelayModule
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  KYL [SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD.]
Homepage  http://www.rf-data.com
Logo 

   
 1 page
background image
Shen
Shen
Shen
Shenz
z
z
zhen
hen
hen
hen KYL
KYL
KYL
KYL Communication
Communication
Communication
Communication Equipment
Equipment
Equipment
Equipment Co
Co
Co
Co.
.
.
.,
,
,
, Ltd
Ltd
Ltd
Ltd
www.rf-data.com
sales@rf-data.com
Fax: 86-755-83408785
KYL-O302
KYL-O302
KYL-O302
KYL-O302 4-way
4-way
4-way
4-way ASK
ASK
ASK
ASK Relay
Relay
Relay
Relay Module
Module
Module
Module
Technical
Technical
Technical
Technical Parameter:
Parameter:
Parameter:
Parameter:
Working voltage: DC12V
working frequency: 315MHZ、433.92MHZ (optional for other frequency)
Standby current: 6mA
Working current: 70mA
Sensitivity: -103dBm
Working mode: M4 / L4 / T4
Encode mode: bonding pad encode (fixed code)
Modulation mode: AM(OOK)
Working temp: -10℃~+70℃
Dimension: 63mm×39mm×13mm
Diagram
Diagram
Diagram
Diagram of
of
of
of Pin
Pin
Pin
Pin::::
Pin
Name
Function
1
GND
negative
2
VCC
positive
3
NC1
relay 1 always-off terminal
4
COM1
relay 1 public terminal
5
NO1
relay 1 always-on terminal
6
NC2
relay 2 always-off terminal
7
COM2
relay 2 public terminal
8
NO2
relay 2 always-on terminal
9
NC3
relay 3 always-off terminal
10
COM3
relay 3 public terminal
11
NO3
relay 3 always-on terminal
12
NC4
relay 4 always-off terminal
13
COM4
relay 4 public terminal
14
NO4
relay 4 always-on terminal




Html Pages

1 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl