Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


KYL-T202 Datasheet(PDF) 1 Page - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD.

Part No. KYL-T202
Description  Two-keyASK Transmitter
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  KYL [SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD.]
Homepage  http://www.rf-data.com
Logo 

   
 1 page
background image
Shen
Shen
Shen
Shenz
z
z
zhen
hen
hen
hen KYL
KYL
KYL
KYL Communication
Communication
Communication
Communication Equipment
Equipment
Equipment
Equipment Co
Co
Co
Co.
.
.
.,
,
,
, Ltd
Ltd
Ltd
Ltd
www.rf-data.com
sales@rf-data.com
Fax: 86-755-83408785
KYL-T202
KYL-T202
KYL-T202
KYL-T202
Two-key
Two-key
Two-key
Two-key ASK
ASK
ASK
ASK Transmitter
Transmitter
Transmitter
Transmitter
Technical
Technical
Technical
Technical parameter
parameter
parameter
parameter::::
Working voltage:DC6V
Working frequency:315MHz、433.92MHz(Other frequency can be customized)
Stand-by current:0mA
Working current:18mA
Encoded mode:Fixed code (PT2260 chip)
Studying code (eV1527/PT2240B chip)
Keeloq code(HCS300)
Transmitting distance:>100m(Receiving sensitivity is above -103dBm)
Output power:9dBm (8mW)
Transmitting speed:<10Kbps
Modulation Method:Amplitude modulation(OOK)
Working temperature: -10℃~+70℃
Size:56.5mm×32mm×11mm
Keys:2 keys




Html Pages

1 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl