Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KYL-T203 Datasheet(PDF) 1 Page - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD.

Part # KYL-T203
Description  Three-keyASK Transmitter
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KYL [SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD.]
Direct Link  http://www.rf-data.com
Logo KYL - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD.

KYL-T203 Datasheet(HTML) 1 Page - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD.

  KYL-T203 Datasheet HTML 1Page - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Shen
Shen
Shen
Shenz
z
z
zhen
hen
hen
hen KYL
KYL
KYL
KYL Communication
Communication
Communication
Communication Equipment
Equipment
Equipment
Equipment Co
Co
Co
Co.
.
.
.,
,
,
, Ltd
Ltd
Ltd
Ltd
www.rf-data.com
sales@rf-data.com
Fax: 86-755-83408785
KYL-T203
KYL-T203
KYL-T203
KYL-T203 Three-key
Three-key
Three-key
Three-key ASK
ASK
ASK
ASK Transmitter
Transmitter
Transmitter
Transmitter
Technical
Technical
Technical
Technical parameter
parameter
parameter
parameter::::
Working voltage:DC6V
Working frequency:315、433.92MHz(Other frequency can be customized)
Stand-by current:0mA
Working current:18mA
Encoded mode:Fixed code (PT2260 chip)
Studying code (eV1527/PT2240B chip)
Keeloq code (HCS300)
Transmitting distance:>100m(Receiving sensitivity is above -103dBm)
Output power:9dBm (8mW)
Transmitting speed:<10Kbps
Modulation Method:Amplitude modulation(OOK)
Working temperature: -10℃~+70℃
Size:56.5×32×11
Keys:3 keys


Similar Part No. - KYL-T203

ManufacturerPart #DatasheetDescription
logo
SHENZHEN KYL COMMUNICAT...
KYL-T201 KYL-KYL-T201 Datasheet
176Kb / 1P
   One-keyASK Transmitter
KYL-T202 KYL-KYL-T202 Datasheet
183Kb / 1P
   Two-keyASK Transmitter
KYL-T206 KYL-KYL-T206 Datasheet
215Kb / 1P
   Long Range FrequencyModulation Receiver
KYL-T208 KYL-KYL-T208 Datasheet
249Kb / 1P
   Long RangeASKModule
More results

Similar Description - KYL-T203

ManufacturerPart #DatasheetDescription
logo
SHENZHEN KYL COMMUNICAT...
KYL-T202 KYL-KYL-T202 Datasheet
183Kb / 1P
   Two-keyASK Transmitter
KYL-T201 KYL-KYL-T201 Datasheet
176Kb / 1P
   One-keyASK Transmitter
logo
ATMEL Corporation
ASK ATMEL-ASK Datasheet
283Kb / 13P
   Transmitter
logo
Festo Corporation.
537691 FESTO-537691 Datasheet
87Kb / 1P
   Transmitter
7/13/22
logo
M/A-COM Technology Solu...
XU1004-BD MA-COM-XU1004-BD_15 Datasheet
841Kb / 9P
   Transmitter
XU1009-BD MA-COM-XU1009-BD_15 Datasheet
277Kb / 9P
   Transmitter
logo
Festo Corporation.
537695 FESTO-537695 Datasheet
100Kb / 1P
   Transmitter
7/13/22
logo
M/A-COM Technology Solu...
XU1004-BD MA-COM-XU1004-BD Datasheet
841Kb / 9P
   Transmitter
logo
OPLINK Communications I...
STX48 OPLINK-STX48 Datasheet
407Kb / 4P
   Transmitter
logo
Festo Corporation.
537693 FESTO-537693 Datasheet
99Kb / 1P
   Transmitter
7/13/22
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com